Electronic Components Datasheet Search
  English  ▼

X  

54ACT74 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54ACT74
Description  Advanced CMOS TTL Input
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54ACT74 Datasheet(HTML) 2 Page - Silicon Supplies

  54ACT74 Datasheet HTML 1Page - Silicon Supplies 54ACT74 Datasheet HTML 2Page - Silicon Supplies 54ACT74 Datasheet HTML 3Page - Silicon Supplies 54ACT74 Datasheet HTML 4Page - Silicon Supplies 54ACT74 Datasheet HTML 5Page - Silicon Supplies 54ACT74 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
 
d 
Advanced CMOS TTL Input – 54ACT74 
Rev 1.0
21/11/19
 
 
Pad Layout and Functions
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Logic Diagram
Truth Table
1400µm (55.12 mils)
0,0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DIE ID
COORDINATES
(mm)
PAD
FUNCTION
X
Y
1
1CLR
0.100
0.410
2
1D
0.100
0.130
3
NO CONNECT
0.280
0.100
1CLK
0.710
4
0.100
5
1PRE
1.00
0.100
1Q
1.180
0.160
6
1Q
1.180
0.410
7
8
GND
1.180
0.640
9
2Q
1.180
0.870
10
2Q
1.180
1.120
11
2PRE
1.00
1.180
12
2CLK
0.710
1.180
13
NO CONNECT
0.280
1.180
14
2D
0.100
1.160
15
2CLR
0.100
0.870
16
VCC
0.100
0.640
CONNECT CHIP BACK TO VCC OR FLOAT
 
Page 2 of 6 
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com