Electronic Components Datasheet Search
  English  ▼

X  

54HC08 Datasheet(PDF) 3 Page - Silicon Supplies

Part # 54HC08
Description  High Speed CMOS Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC08 Datasheet(HTML) 3 Page - Silicon Supplies

  54HC08 Datasheet HTML 1Page - Silicon Supplies 54HC08 Datasheet HTML 2Page - Silicon Supplies 54HC08 Datasheet HTML 3Page - Silicon Supplies 54HC08 Datasheet HTML 4Page - Silicon Supplies 54HC08 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
High Speed CMOS Logic – 54HC08
Rev 1.0
07/02/19
PARAMETER
SYMBOL
MIN
MAX
UNITS
Supply Voltage
VCC
2
6
V
DC Input or Output Voltage
VIN ,VOUT
0
VCC
V
Operating Temperature Range
TJ
-55
+125
°C
VCC = 2V
0
1000
VCC = 4.5V
0
500
Input Rise or Fall Times
tr, tf
VCC = 6.0V
0
400
ns
 
Recommended Operating Conditions3 (Voltages referenced to GND)
Absolute Maximum Ratings1
PARAMETER
SYMBOL
VALUE
UNIT
DC Supply Voltage (Referenced to GND)
VCC
-0.5 to +7.0
V
DC Input Voltage (Referenced to GND)
VIN
-0.5 to VCC +0.5
V
DC Output Voltage (Referenced to GND)
VOUT
-0.5 to VCC +0.5
V
DC Input Current
IIN
±20
mA
DC Output Current, per pad
IOUT
±25
mA
DC Supply Current, VCC or GND, per pad
ICC
±50
mA
Power Dissipation in Still Air
2
PD
750
mW
Storage Temperature Range
TSTG
-65 to 150
°C
3.  This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken
to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be
constrained to the range GND ≤ (VIN or VOUT) ≤ VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC).
Unused outputs must be left open.
DC Electrical Characteristics (Voltages Referenced to GND)
1.  Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability. 2. Measured in plastic DIP package, results in die form are dependent on die attach and assembly method.
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2.0V
1.5
1.5
1.5
3.0V
2.1
2.1
2.1
4.5V
3.15
3.15
3.15
Minimum High-Level
Input Voltage
VIH
6.0V
VOUT = 0.1V or
VCC -0.1V
│IOUT│≤ 20µA
4.2
4.2
4.2
V
2.0V
0.5
0.5
0.5
3.0V
0.9
0.9
0.9
4.5V
1.35
1.35
1.35
Maximum Low-Level
Input Voltage
VIL
6.0V
VOUT = 0.1V or
VCC -0.1V
│IOUT│≤ 20µA
1.8
1.8
1.8
V
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com