Electronic Components Datasheet Search
  English  ▼

X  

0808710 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0808710
Description  PIT 4-TG
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0808710 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0808710 Datasheet HTML 1Page - PHOENIX CONTACT 0808710 Datasheet HTML 2Page - PHOENIX CONTACT 0808710 Datasheet HTML 3Page - PHOENIX CONTACT 0808710 Datasheet HTML 4Page - PHOENIX CONTACT 0808710 Datasheet HTML 5Page - PHOENIX CONTACT 0808710 Datasheet HTML 6Page - PHOENIX CONTACT 0808710 Datasheet HTML 7Page - PHOENIX CONTACT 0808710 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PHOENIX CONTACT GmbH & Co. KG
Page 1 / 8
http://www.phoenixcontact.com
Jul 15, 2011
Extract from the online
catalog
 
PIT 4-TG
Order No.: 3211922
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3211922
 
 
Disconnect terminal block, Connection type: Push-In connection,
Cross section:  0.2 mm² - 6 mm², AWG: 24 - 10, Nominal current: 20
A, Nominal voltage: 400 V, Length: 56 mm, Width: 6.2 mm,
Color: gray, Assembly: NS 35/7.5, NS 35/15
 
Commercial data
GTIN (EAN)
4
046356
482561
sales group
A641
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 111 (CL1-2011)
Product notes
WEEE/RoHS-compliant since:
01/07/2009
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Note
Current and voltage are determined by the connector used.
Number of levels
1
Number of connections
2


Similar Part No. - 0808710

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0808710 PHOENIX-0808710 Datasheet
54Kb / 2P
Zack Marker strip, flat - ZBF 6 UNPRINTED
0808710 PHOENIX-0808710 Datasheet
127Kb / 7P
PIT 4-PE
0808710 PHOENIX-0808710 Datasheet
126Kb / 7P
PIT 4-TWIN
0808710 PHOENIX-0808710 Datasheet
128Kb / 7P
PIT 4-TWIN BU
0808710 PHOENIX-0808710 Datasheet
128Kb / 6P
PITTB 4
More results

Similar Description - 0808710

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3210185 PHOENIX-3210185 Datasheet
116Kb / 7P
PIT 2,5-TG, Disconnect terminal block
3210198 PHOENIX-3210198 Datasheet
123Kb / 7P
PIT 2,5-TWIN-TG, Disconnect terminal block
3208943 PHOENIX-3208943 Datasheet
119Kb / 7P
PIT 4-FSI/F
3210208 PHOENIX-3210208 Datasheet
124Kb / 7P
PIT 2,5-QUATTRO-TG
3211766 PHOENIX-3211766 Datasheet
127Kb / 7P
PIT 4-PE
3211771 PHOENIX-3211771 Datasheet
126Kb / 7P
PIT 4-TWIN
3211775 PHOENIX-3211775 Datasheet
128Kb / 7P
PIT 4-TWIN BU
3211797 PHOENIX-3211797 Datasheet
131Kb / 7P
PIT 4-QUATTRO
3211802 PHOENIX-3211802 Datasheet
132Kb / 7P
PIT 4-QUATTRO BU
3211933 PHOENIX-3211933 Datasheet
124Kb / 7P
PIT 4-MT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com