Electronic Components Datasheet Search
  English  ▼

X  

0808710 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0808710
Description  PIT 4-MT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0808710 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0808710 Datasheet HTML 1Page - PHOENIX CONTACT 0808710 Datasheet HTML 2Page - PHOENIX CONTACT 0808710 Datasheet HTML 3Page - PHOENIX CONTACT 0808710 Datasheet HTML 4Page - PHOENIX CONTACT 0808710 Datasheet HTML 5Page - PHOENIX CONTACT 0808710 Datasheet HTML 6Page - PHOENIX CONTACT 0808710 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PHOENIX CONTACT GmbH & Co. KG
Page 1 / 7
http://www.phoenixcontact.com
Jul 15, 2011
Extract from the online
catalog
 
PIT 4-MT
Order No.: 3211933
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3211933
 
 
Disconnect and test disconnect terminal block, Connection type: Push-
In connection, Cross section:  0.2 mm² - 6 mm², AWG: 24 - 10,
Nominal current: 20 A, Nominal voltage: 400 V, Length: 56 mm,
Width: 6.2 mm, Color: gray, Assembly: NS 35/7.5, NS 35/15
 
Commercial data
GTIN (EAN)
4
046356
482554
sales group
A640
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 113 (CL1-2011)
Product notes
WEEE/RoHS-compliant since:
01/07/2009
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Number of levels
1
Number of connections
2
Color
gray


Similar Part No. - 0808710

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0808710 PHOENIX-0808710 Datasheet
54Kb / 2P
Zack Marker strip, flat - ZBF 6 UNPRINTED
0808710 PHOENIX-0808710 Datasheet
127Kb / 7P
PIT 4-PE
0808710 PHOENIX-0808710 Datasheet
126Kb / 7P
PIT 4-TWIN
0808710 PHOENIX-0808710 Datasheet
128Kb / 7P
PIT 4-TWIN BU
0808710 PHOENIX-0808710 Datasheet
128Kb / 6P
PITTB 4
More results

Similar Description - 0808710

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3210156 PHOENIX-3210156 Datasheet
114Kb / 6P
PIT 2,5-MT, Disconnect and test disconnect terminal block
3211003 PHOENIX-3211003 Datasheet
63Kb / 2P
D-PIT 2,5-MT
3211317 PHOENIX-3211317 Datasheet
63Kb / 2P
D-PIT 2,5-TWIN-MT
3210172 PHOENIX-3210172 Datasheet
122Kb / 6P
PIT 2,5-QUATTRO-MT
3211650 PHOENIX-3211650 Datasheet
78Kb / 6P
PIT 2,5-MT BU
3211663 PHOENIX-3211663 Datasheet
78Kb / 6P
PIT 2,5-TWIN-MT BU
3211676 PHOENIX-3211676 Datasheet
79Kb / 6P
PIT 2,5-QUATTRO-MT BU
3211766 PHOENIX-3211766 Datasheet
127Kb / 7P
PIT 4-PE
3211771 PHOENIX-3211771 Datasheet
126Kb / 7P
PIT 4-TWIN
3211797 PHOENIX-3211797 Datasheet
131Kb / 7P
PIT 4-QUATTRO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com