Electronic Components Datasheet Search
  English  ▼

X  

3213601 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3213601
Description  Feed-through terminal block - PTS 4
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3213601 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3213601 Datasheet HTML 1Page - PHOENIX CONTACT 3213601 Datasheet HTML 2Page - PHOENIX CONTACT 3213601 Datasheet HTML 3Page - PHOENIX CONTACT 3213601 Datasheet HTML 4Page - PHOENIX CONTACT 3213601 Datasheet HTML 5Page - PHOENIX CONTACT 3213601 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/pi/products/3213601
09/26/2019   Page 1 / 6
Feed-through terminal block - PTS 4 - 3213601
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Feed-through terminal block, nom. voltage: 800 V, nominal current: 32 A, connection method: Push-in
connection, number of connections: 2, cross section: 0.2 mm² - 6 mm², AWG: 24 - 10, width: 6.2 mm, color:
gray, mounting type: NS 35/7,5, NS 35/15
Your advantages
 The Push-in connection terminal blocks are characterized by the system features of the CLIPLINE complete system and by easy and tool-free
wiring of conductors with ferrules or solid conductors
 The compact design and front connection enable wiring in a confined space
 In addition to the testing facility in the double function shaft, all terminal blocks provide an additional test connection
Key Commercial Data
Packing unit
50 pc
Minimum order quantity
50 pc
GTIN
GTIN
4055626084855
Technical data
General
Number of levels
1
Number of connections
2
Potentials
1
Nominal cross section
4 mm²
Color
gray
Insulating material
PA
Flammability rating according to UL 94
V0
Area of application
Machine building
Plant engineering
Process industry
Rated surge voltage
8 kV
Degree of pollution
3


Similar Part No. - 3213601

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3213602 PHOENIX-3213602 Datasheet
76Kb / 5P
Feed-through terminal block - PTS 4 BU
3213603 PHOENIX-3213603 Datasheet
79Kb / 5P
Ground modular terminal block - PTS 4-PE
3213604 PHOENIX-3213604 Datasheet
193Kb / 25P
Feed-through terminal block - PTS 4-TWIN
3213605 PHOENIX-3213605 Datasheet
190Kb / 24P
Feed-through terminal block - PTS 4-TWIN BU
3213606 PHOENIX-3213606 Datasheet
174Kb / 22P
Ground modular terminal block - PTS 4-TWIN-PE
More results

Similar Description - 3213601

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1037082 PHOENIX-1037082 Datasheet
89Kb / 5P
Feed-through terminal block - PTS 2,5 BK
1037084 PHOENIX-1037084 Datasheet
91Kb / 5P
Feed-through terminal block - PTS 2,5 YE
1037085 PHOENIX-1037085 Datasheet
90Kb / 5P
Feed-through terminal block - PTS 2,5 BN
1037086 PHOENIX-1037086 Datasheet
91Kb / 5P
Feed-through terminal block - PTS 2,5 OG
3211799 PHOENIX-3211799 Datasheet
185Kb / 21P
Feed-through terminal block - PTS 2,5
3213602 PHOENIX-3213602 Datasheet
76Kb / 5P
Feed-through terminal block - PTS 4 BU
3213604 PHOENIX-3213604 Datasheet
193Kb / 25P
Feed-through terminal block - PTS 4-TWIN
3213605 PHOENIX-3213605 Datasheet
190Kb / 24P
Feed-through terminal block - PTS 4-TWIN BU
3214547 PHOENIX-3214547 Datasheet
544Kb / 24P
Feed-through terminal block - PTS 1,5/S
3211993 PHOENIX-3211993 Datasheet
252Kb / 22P
Feed-through terminal block - PTS 2,5-QUATTRO
09/12/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com