Electronic Components Datasheet Search
  English  ▼

X  

29530C0102000 Datasheet(PDF) 2 Page - Belden Inc.

Part # 29530C0102000
Description  VFD, 3C #2/0 Str BC XLPO Ins #5 Symm. Seg.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

29530C0102000 Datasheet(HTML) 2 Page - Belden Inc.

  29530C0102000 Datasheet HTML 1Page - Belden Inc. 29530C0102000 Datasheet HTML 2Page - Belden Inc. 29530C0102000 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
195 Amps per conductor @ 30°C (per NEC)
Temperature Range
UL Temp Rating:
90°C Dry, 90°C Wet
Operating Temp Range:
-40°C To +90°C
Mechanical Characteristics
Bulk Cable Weight:
1734 lbs/1000ft
Max Recommended Pulling Tension:
4200 lbs
Min Bend Radius/Minor Axis:
13.25 in
Standards
NEC/(UL) Specification:
TC-ER, XHHW-2 Singles
CSA AWM Specification:
1000 V AWM I/II A/B
PMSHA Specification:
P-07-KA070003
Applicable Environmental and Other Programs
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/96/EC (BFR):
Yes
EU Directive 2011/65/EU (ROHS II):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU:
Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
Yes
EU RoHS Compliance Date (yyyy-mm-dd):
2005-11-09
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Suitability
Suitability - Burial:
Yes
Suitability - Indoor:
Yes
Suitability - Oil Resistance:
Yes
Suitability - Outdoor:
Yes
Suitability - Sunlight Resistance:
Yes
Flammability, LS0H, Toxicity Testing
UL Flammability:
UL1685 UL Loading
CSA Flammability:
FT4
IEEE Flammability:
IEEE 1202, IEEE 383 Vertical Tray Flame Test (70,000 BTU)
UL voltage rating:
600 V RMS (NEC Type TC)
Plenum/Non-Plenum
Plenum (Y/N):
No
Part Number
Variants
Item #
Color
UPC
Length
29530C 0102000 Black
612825138105 2,000 ft
History
Update and Revision:
Revision Number: 0.267 Revision Date: 09-10-2019
© 2019 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com