Electronic Components Datasheet Search
  English  ▼

X  

RES-3000 Datasheet(PDF) 1 Page - Vecow Co., Ltd.

Part # RES-3000
Description  Compact & Slim design, IP67 protection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECOW [Vecow Co., Ltd.]
Direct Link  http://www.vecow.com
Logo VECOW - Vecow Co., Ltd.

RES-3000 Datasheet(HTML) 1 Page - Vecow Co., Ltd.

  RES-3000 Datasheet HTML 1Page - Vecow Co., Ltd. RES-3000 Datasheet HTML 2Page - Vecow Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rolling Stock
Robotic Control
Logging & Mining
Smart Factory
IP67
-1m
IP67 Rugged Embedded System with Intel® Core™ i7/i5/i3 U-series Processor
High Performance, Fanless -30°C to 70°C Extended Temperature
• Compact & Slim design, IP67 protection
• Fanless, -30°C to 70°C Operating Temperature
• 8th Generation Intel® Core™ i7/i5/i3 U-series SoC (Whiskey Lake)
supports up to 40% greater productivity than former generation
solution
• DDR4 2400MHz memory, up to 32GB
• Intel® UHD Graphics 620 supports DirectX 12, OpenGL 4.5 and
OpenCL 2.1
• Dual X-coded M12 GigE LAN, iAMT 12.0 supported
• 2 M12 COM RS-232/422/485, 1 M12 for 2-port USB
• 9V to 48V DC Power Input, M12 Waterproof Connector
• Optional supports TPM 2.0
• One-stop customized Design and Manufacturing Services
www.vecow.com
RES-3000 Series


Similar Part No. - RES-3000

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
RES-30 COOPER-RES-30 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
RES-30 COOPER-RES-30 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
RES-30 COOPER-RES-30 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
logo
Ohmite Mfg. Co.
RES-30 OHMITE-RES-30 Datasheet
229Kb / 3P
Ohmite Manufacturing?셲 family of High Energy
logo
Eaton All Rights Reserv...
RES-30 EATON-RES-30 Datasheet
615Kb / 5P
REN (250V) and RES (600V) Renewable Class H size fuses
More results

Similar Description - RES-3000

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EBOX530-820-FL AXIOMTEK-EBOX530-820-FL Datasheet
486Kb / 1P
Ultra slim and compact design
ICO-200 AXIOMTEK-ICO-200 Datasheet
241Kb / 1P
Ultra slim and compact design
EM1611S AXIOMTEK-EM1611S Datasheet
219Kb / 1P
Slim compact design
logo
XP Power Limited
DSL240 XPPOWER-DSL240 Datasheet
193Kb / 2P
Ultra Slim Design
logo
Laird Tech Smart Techno...
AA-024-12-22 LSTD-AA-024-12-22 Datasheet
930Kb / 2P
Compact design
DA-045-12-02 LSTD-DA-045-12-02 Datasheet
819Kb / 2P
Compact design
logo
CUI INC
SWI25-N CUI-SWI25-N Datasheet
454Kb / 4P
compact design
logo
A-Data Technology
HV620S A-DATA-HV620S Datasheet
427Kb / 2P
Slim profile design
SE730H A-DATA-SE730H Datasheet
473Kb / 2P
Portable-slim design
logo
Vecow Co., Ltd.
RES-1000 VECOW-RES-1000 Datasheet
357Kb / 2P
Compact & Slim design, IP67 protection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com