Electronic Components Datasheet Search
  English  ▼

X  

SAV35 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SAV35
Description  FM RF POWER AMPLIFIER MODULE for VHF MARINE BAND
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SAV35 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SAV35 Datasheet HTML 1Page - Toshiba Semiconductor SAV35 Datasheet HTML 2Page - Toshiba Semiconductor SAV35 Datasheet HTML 3Page - Toshiba Semiconductor SAV35 Datasheet HTML 4Page - Toshiba Semiconductor SAV35 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S-AV35
2
04-01-06
ELECTRICAL CHARACTERISTICS (Tc = 25℃, ZG = 50Ω)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Frequency Range
frange
—
154
—
162
MHz
Output Power 1
Po1
32
—
—
W
Power Gain 1
Gp1
35.0
—
—
dB
Total Efficiency
ηT
50
—
—
%
Input VSWR
VSWRin
—
—
3.0
—
Second Harmonic
2nd HRM
VDD = 12.5V
VGG = 5V
Pi = 10mW
ZL = 50Ω
—
—
-30
dB
Third Harmonic
3rd HRM
—
—
-30
dB
Output Power 2
Po2
20
—
—
W
Power Gain 2
Gp2
VDD = 10.5V, VGG = 5V
Pi = 10mW, ZL = 50Ω
33.0
—
—
dB
Load Mismatch
—
VDD = 15V, Pi = 10mW
Po = 32W (VGG = adjust,@ ZL = 50Ω)
VSWR LOAD 10: 1 ALL PHASE
No Degradation
—
Stability
—
VDD = 10.5 to 16.5V, VGG = 0 to 5V
Pi = 10mW
Po ≦ 32W (VGG = adjust,@ ZL = 50Ω)
VSWR LOAD 3: 1 ALL PHASE
All spurious output
than 60dB below
desired signal
—
Caution
・
This product has intersetting cap. Please pay attention for exceeding stress and foreign matter in your application.
And not to take away the cap.
・
Do not break, cut, crush or dissolve chemically. Dispose of this product properly according to law.
Do not intermingle with normal industrial or domestic waste.
・
This product is electrostatic sensitivity, please handle with caution.
・
This product is flowed high current for a VDD terminal at both RF ON and RF OFF. And it has large calorific value
for high output poer. So please use it within the limit of the maximum rating.
The view of the maximum rating of our company,
"The absolute maximum ratings are rated values which must not be exceeded during operatin,
even for an instant. And it guarantees each item independently. When two items or more of
maximum rated items joins a device at once. It becomes the outside of a guarantee. "



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com