Electronic Components Datasheet Search
  English  ▼

X  

27400201 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 27400201
Description  Ring cable lug - C-RCI 6/M10
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

27400201 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  27400201 Datasheet HTML 1Page - PHOENIX CONTACT 27400201 Datasheet HTML 2Page - PHOENIX CONTACT 27400201 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/us/products/3240031
12/15/2015   Page 2 / 3
Ring cable lug - C-RCI 6/M10 - 3240031
Technical data
Ambient conditions
Optimum ambient temperature (storage/transport)
20 °C 50 % Humidity (RH), store inside sealed original packaging. Avoid
direct sunlight and heat.
Short-term temperature
100 °C
General
Color
yellow
Stripping length
9 mm
Components
Halogen-free
Flammability rating according to UL 94
V2
Material
Copper
Insulating material
PA
Coating
Tin-plated
Standards and Regulations
Flammability rating according to UL 94
V2
Classifications
eCl@ss
eCl@ss 4.0
27060701
eCl@ss 4.1
27060701
eCl@ss 5.0
27400201
eCl@ss 5.1
27400201
eCl@ss 6.0
27400201
eCl@ss 7.0
27400201
eCl@ss 8.0
27400204
ETIM
ETIM 2.0
EC000005
ETIM 3.0
EC000005
ETIM 4.0
EC001052
ETIM 5.0
EC001052
UNSPSC
UNSPSC 6.01
27113201
UNSPSC 7.0901
27121703
UNSPSC 11
27121703
UNSPSC 12.01
27121703
UNSPSC 13.2
27121703



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com