Electronic Components Datasheet Search
  English  ▼

X  

UPD5702 Datasheet(PDF) 2 Page - California Eastern Labs

Part # UPD5702
Description  NECs 2.4 GHz Si LD MOS POWER AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPD5702 Datasheet(HTML) 2 Page - California Eastern Labs

  UPD5702 Datasheet HTML 1Page - California Eastern Labs UPD5702 Datasheet HTML 2Page - California Eastern Labs UPD5702 Datasheet HTML 3Page - California Eastern Labs UPD5702 Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SYMBOLS
PARAMETERS
UNITS MIN TYP MAX
VDS
Supply Voltage 1
V
2.7
3.0
3.6
VGS
Supply Voltage 2
V
0.0
0.2
–
PIN
Maximum Input Power
dBm
–
+5
–
ID
Drain Current
mA
–
165
–
RECOMMENDED
OPERATING CONDITIONS
UPD5702TU
TYPICAL PERFORMANCE CURVES (TA = 25°C, f = 1.9 GHz, VGS = 2.0 V unless otherwise specified)
Input Power, PIN (dBm)
OUTPUT POWER, GAIN AND
ADJACENT CHANNEL POWER
vs. INPUT POWER
Input Power, PIN (dBm)
Pout
Gain
Padj (-900 KHz)
Padj (-600 KHz)
Padj (+600 KHz)
Padj (+900 KHz)
30
25
20
15
10
5
0
-15
-10
-5
0
5
10
-20
-30
-40
-50
-60
-70
-80
CIRCUIT CURRENT
vs. INPUT POWER
250
200
150
100
50
0
-15
-10
-5
0
5
10
VDS = 3.0 V,
VGS = 2.0 V,
f = 1.90 GHz,
PIN = -5 dB
PART NUMBER
QUANTITY
UPD5702TU-E2-A
TBD
ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS1
(TA = 25°C unless otherwise specified)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDS
Supply Voltage 1
V
6.0
VGS
Supply Voltage 2
V
6.0
PD
Power Dissipation2
W
0.866
TA
Operating Ambient Temp.
°C
-40 to +85
TSTG
Storage Temp. Range
°C
-65 to +150
PIN(MAX)
Maximum Input Level
dBm
+10
Tj
Junction Temperature
°C
+150
Notes:
1. Operation in excess of any one of these conditions may
result in permanent damage.
2. TA = 25°C, mounted on 330 x 21 mm epoxy glass PWB.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com