Electronic Components Datasheet Search
  English  ▼

X  

MTD-4021 Datasheet(PDF) 1 Page - Vecow Co., Ltd.

Part # MTD-4021
Description  21.5??Multi-Touch 16:9 Full HD Projected Capacitive Display, optional IP65 Waterproof
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECOW [Vecow Co., Ltd.]
Direct Link  http://www.vecow.com
Logo VECOW - Vecow Co., Ltd.

MTD-4021 Datasheet(HTML) 1 Page - Vecow Co., Ltd.

  MTD-4021 Datasheet HTML 1Page - Vecow Co., Ltd. MTD-4021 Datasheet HTML 2Page - Vecow Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Features
Multi-Touch Computer/ Display
www.vecow.com
ƒ
21.5” 16 : 9 Full HD (1920 x 1080) LCD Panel with LED Backlight
ƒ
Projected Capacitive 10-point Multi-Touch Screen
ƒ
7H Hardness Anti-Scratch Surface
ƒ
Touchscreen works with gloves
ƒ
Supports VGA and DVI-D Interface
ƒ
Landscape Mode and Portrait Mode supported
ƒ
Mounting : VESA Mount, Panel Mount
ƒ
Sunlight Readable (Optional)
ƒ
IP65 Front Panel Protection (Optional)
MTD-4021
21.5” Multi-Touch 16:9 Full HD Projected Capacitive Display, optional IP65 Waterproof
Panel
Panel Type
TFT LCD
Active Area
21.5" (16 : 9)
Max. Resolution
1920 x 1080 (Full HD)
Display Color
16.7M (RGB 8-bit)
Brightness (cd/m2)
250 (Optional, up to 1200)
Contrast Ratio
3000 : 1
Viewing Angle
178°/178° (H/V)
Backlight
LED Backlight
Backlight Life
30,000hrs
Touch Screen
Touch Screen Type
10-point Projected Capacitive
Transparency
85%
Surface Hardness
7H Surface Hardness
Control Interface
USB Interface
System
Power Input
DC-in 12V
Power Interface
DC Jack
Power Adapter
AC to DC 60W Power Adaptor
Video Interface
1 VGA, 1 DVI-D
OSD Control
5 OSD Keypad for Function Management
OSD Language
Multi Language
Mechanical
Dimensions
(W x H x L)
537.6mm x 329.1mm x 44.1mm (21.2" x 13" x 1.7")
Weight
6 kg (12.21 lb)
Front Panel
Protection
IP65 Compliant (Optional)
Mounting
ƒ
VESA Mount (75 x 75mm, 100 x 100mm)
ƒ
Panel Mount
Environment
Operating
Temperature
0°C to 50°C (32°F to 122°F)
Storage
Temperature
-20°C to 60°C (-4°F to 140°F)
Humidity
5% to 90% Humidity, non-condensing
Shock
ƒ
IEC 60068-2-27
ƒ
20G, Half-sine, 11ms
Vibration
ƒ
IEC 60068-2-64
ƒ
Non-operation : 10Hz to 200Hz, 1.5Grms, X, Y, Z,
30 mins each Axis
EMC
CE, FCC
Accessory List
VGA Cable x1
USB-A Cable (M) x1
>
=
1080p
Full
HD
IP65


Similar Part No. - MTD-4021

ManufacturerPart #DatasheetDescription
logo
Vecow Co., Ltd.
MTD-4024C VECOW-MTD-4024C Datasheet
370Kb / 2P
24??Multi-Touch 16:9 Full HD Projected Capacitive Display, optional IP65 Waterproof
MTD-4024CP VECOW-MTD-4024CP Datasheet
370Kb / 2P
24??Multi-Touch 16:9 Full HD Projected Capacitive Display, optional IP65 Waterproof
MTD-4024E VECOW-MTD-4024E Datasheet
370Kb / 2P
24??Multi-Touch 16:9 Full HD Projected Capacitive Industrial Display, optional IP65 Waterproof
MTD-4024EP VECOW-MTD-4024EP Datasheet
370Kb / 2P
24??Multi-Touch 16:9 Full HD Projected Capacitive Industrial Display, optional IP65 Waterproof
More results

Similar Description - MTD-4021

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ACD-521D AAEON-ACD-521D Datasheet
373Kb / 2P
21.5??Full HD Infotainment Multi-Touch Display
logo
Advantech Co., Ltd.
SPC-2140WP-T3AE ADVANTECH-SPC-2140WP-T3AE Datasheet
502Kb / 2P
21.5" Full HD TFT LED LCD stationary Multi-Touch Panel Computer
logo
Axiomtek Co., Ltd.
GOT3187W-111-PCT AXIOMTEK-GOT3187W-111-PCT Datasheet
504Kb / 2P
Multi-Touch 18.5 projected capacitive
logo
Microchip Technology
MTCH6301 MICROCHIP-MTCH6301_14 Datasheet
1Mb / 40P
MTCH6301 Projected Capacitive Touch Controller
03/13/14
logo
Axiomtek Co., Ltd.
GOT3217W-845-PCT AXIOMTEK-GOT3217W-845-PCT Datasheet
504Kb / 2P
21.5" FHD WXGA 10-point multi-touch projected capacitive wide screen
logo
PHOENIX CONTACT
BL-FPM-21.5 PHOENIX-BL-FPM-21.5 Datasheet
54Kb / 3P
IP65-rated, 21.5-inch, flat panel LCD monitor with projected capacitive touch screen
logo
Vecow Co., Ltd.
MTD-4024C VECOW-MTD-4024C Datasheet
370Kb / 2P
24??Multi-Touch 16:9 Full HD Projected Capacitive Display, optional IP65 Waterproof
MTD-4024E VECOW-MTD-4024E Datasheet
370Kb / 2P
24??Multi-Touch 16:9 Full HD Projected Capacitive Industrial Display, optional IP65 Waterproof
MTD-6000 VECOW-MTD-6000 Datasheet
2Mb / 2P
Multi-Touch 16 : 9 Full HD Projected Capacitive Industrial Display, Front Panel IP65 Waterproof
logo
Advantech Co., Ltd.
SPC-221 ADVANTECH-SPC-221 Datasheet
467Kb / 2P
21.5" Full HD LED LCD Stationary Multi-Touch Panel Computer
5-Jan-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com