Electronic Components Datasheet Search
  English  ▼

X  

ARS-2000L Datasheet(PDF) 1 Page - Vecow Co., Ltd.

Part # ARS-2000L
Description  3 Independent GigE LAN with 2 IEEE 802.3at PoE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECOW [Vecow Co., Ltd.]
Direct Link  http://www.vecow.com
Logo VECOW - Vecow Co., Ltd.

ARS-2000L Datasheet(HTML) 1 Page - Vecow Co., Ltd.

  ARS-2000L Datasheet HTML 1Page - Vecow Co., Ltd. ARS-2000L Datasheet HTML 2Page - Vecow Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Features
Ultra-compact Fanless Systems
ARS-2000L
Intel® Core™ i7/i5/i3 U-series Processor (Kaby Lake) Compact Embedded Box PC, 3 GigE LAN with 2 PoE+, Isolated COM, 1 SIM, 4 USB 3.0,
32 GPIO, Rugged, Expandable, DIN Rail Mount, Fanless -40°C to 70°C Extended Temperature
ƒ
Intel® Core™ i7/i5/i3 U-series SoC (Kaby Lake/Skylake)
ƒ
3 Independent GigE LAN with 2 IEEE 802.3at PoE+
ƒ
Rugged, Fanless -40°C to 70°C Operating Temperature
ƒ
4 USB 3.0, 2 SATA III, 2 Mini PCIe
ƒ
2 COM RS-232/422/485 with 1 Isolated COM
ƒ
32 GPIO, Ignition Power Control
ƒ
Mounting : DIN Rail, Wallmount
ƒ
Supports DVI-I and DVI-D dual HD displays
ƒ
6V to 36V DC-in with 80V Surge Protection
ƒ
External SIM Socket for WiFi/4G/3G/LTE/GPRS/UMTS
System
Processor
Intel
® Core™ i7-7600U/i7-6600U/i5-6300U/Celeron® 3955U
Processor (Kaby Lake-U/Skylake-U)
Chipset
Intel
® SoC
BIOS
AMI
SIO
IT8786E
Memory
2 DDR4 2133MHz SO-DIMM, up to 32GB
I/O Interface
Serial
ƒ
1 Isolated COM RS-232/422/485 (2.5kV Isolation)
ƒ
1 COM RS-232/422/485
USB
4 USB 3.0 (External)
GPIO
32 GPIO
LED
Power, HDD, PoE, Wireless
SIM Card
1 SIM Card Socket (External)
Expansion
Mini PCIe
2 Mini PCIe Socket :
ƒ
1 Full-size for PCIe/USB/External SIM Card/mSATA
ƒ
1 Full-size for PCIe/USB/mSATA
Graphics
Graphics
Processor
ƒ
Intel
® HD Graphics 620/520
Interface
ƒ
DVI-I : Up to 1920 x1200 @ 60Hz
ƒ
DVI-D : Up to 1920 x 1200 @ 60Hz
Storage
SATA
2 SATA III support S/W RAID 0, 1 :
ƒ
1 SATA III (6Gbps)
ƒ
1 SATA III co-lay with Mini PCIe (6Gbps)
mSATA
1 SATA III co-lay with SATA (Mini PCIe Type, 6Gbps)
Storage
Device
ƒ
1 CFast Socket, Push-in/Push-out Ejector
ƒ
2 2.5"SSD/HDD Bracket (Internal)
Audio
Audio Codec
Realtek ALC892, 5.1 Channel HD Audio
Audio
Interface
1 Mic-in, 1 Line-out
Ethernet
LAN 1
Intel
® I219LM GigE LAN supports iAMT 11.0
PoE
LAN 2
GigE IEEE 802.3at (25.5W/48V) PoE
+ by Intel® I210
with Power On/Off Control
LAN 3
GigE IEEE 802.3at (25.5W/48V) PoE
+ by Intel® I210
with Power On/Off Control
Power
Power Input
6V to 36V, DC-in
Power
Interface
3-pin Terminal Block : V+, V-, Frame Ground
Ignition
Control
16 Mode (Internal)
Remote
Switch
3-pin terminal block : On, Off, IGN
Surge
Protection
Up to 80V/1ms Transient Power
Others
TPM
Optional Infineon SLB9665 supports TPM 2.0, LPC Interface
Watchdog
Timer
Reset : 1 to 255 sec./min. per step
Smart
Management
Wake on LAN, PXE supported
HW Monitor
Monitoring temperature, voltages. Auto throttling control
when CPU overheats.
Software Support
OS
Windows 10, Windows 8.1, Windows 7, Linux
Mechanical
Dimensions
(W x L x H)
186mm x 147mm x 54mm (7.3" x 5.8" x 2.1")
Weight
1.8 kg (3.97 lb)
Mounting
ƒ
Wallmount by mounting bracket
ƒ
DIN Rail Mount (optional)
Environment
Operating
Temperature
-40°C to 70°C (-40°F to 158°F)
Storage
Temperature
-40°C to 85°C (-40°F to 185°F)
Humidity
5% to 95% Humidity, non-condensing
Relative
Humidity
95% @ 70°C
Shock
ƒ
IEC 60068-2-27
ƒ
SSD : 50G @ wallmount, Half-sine, 11ms
Vibration
ƒ
IEC 60068-2-64
ƒ
SSD : 5Grms, 5Hz to 500Hz, 3 Axis
EMC
CE, FCC, EN50155, EN50121-3-2


Similar Part No. - ARS-2000L

ManufacturerPart #DatasheetDescription
logo
Vecow Co., Ltd.
ARS-2000ML VECOW-ARS-2000ML Datasheet
370Kb / 2P
2 COM RS-232/422/485 with 1 Isolated COM
ARS-2000ML-300U VECOW-ARS-2000ML-300U Datasheet
370Kb / 2P
2 COM RS-232/422/485 with 1 Isolated COM
ARS-2000ML-600U VECOW-ARS-2000ML-600U Datasheet
370Kb / 2P
2 COM RS-232/422/485 with 1 Isolated COM
ARS-2000ML-7600U VECOW-ARS-2000ML-7600U Datasheet
370Kb / 2P
2 COM RS-232/422/485 with 1 Isolated COM
ARS-2000ML-955U VECOW-ARS-2000ML-955U Datasheet
370Kb / 2P
2 COM RS-232/422/485 with 1 Isolated COM
More results

Similar Description - ARS-2000L

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3461 SILABS-SI3461 Datasheet
207Kb / 24P
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
List of Unclassifed Man...
SI3462-E01 ETC2-SI3462-E01 Datasheet
226Kb / 24P
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Silicon Laboratories
SI3454 SILABS-SI3454 Datasheet
1Mb / 57P
QUAD IEEE 802.3AT POE PSE CONTROLLER
SI3459 SILABS-SI3459 Datasheet
1Mb / 57P
OCTAL IEEE 802.3AT POE PSE CONTROLLER
SI3462 SILABS-SI3462 Datasheet
1Mb / 24P
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Vecow Co., Ltd.
PE-1004 VECOW-PE-1004 Datasheet
276Kb / 1P
PCI Express 4-port PoE Expansion Card, PCI Express x4, 4 GigE LAN, IEEE 802.3at compliant
PE-2004 VECOW-PE-2004 Datasheet
281Kb / 1P
Intel I210 PCI Express PoE Expansion Card, PCI Express x4, 4 GigE LAN, IEEE 802.3at compliant
logo
Advantech Co., Ltd.
EKI-2701HP-AC ADVANTECH-EKI-2701HP-AC Datasheet
204Kb / 2P
IEEE 802.3at Gigabit PoE Injector
20-May-2021
logo
Skyworks Solutions Inc.
SI3462 SKYWORKS-SI3462 Datasheet
814Kb / 24P
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
Rev. 1.0
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com