Electronic Components Datasheet Search
  English  ▼

X  

ARS-2001M Datasheet(PDF) 1 Page - Vecow Co., Ltd.

Part # ARS-2001M
Description  4 USB 3.0, 2 SATA III, 2 Mini PCIe, 1 PCI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECOW [Vecow Co., Ltd.]
Direct Link  http://www.vecow.com
Logo VECOW - Vecow Co., Ltd.

ARS-2001M Datasheet(HTML) 1 Page - Vecow Co., Ltd.

  ARS-2001M Datasheet HTML 1Page - Vecow Co., Ltd. ARS-2001M Datasheet HTML 2Page - Vecow Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Features
Ultra-compact Fanless Systems
ARS-2001M
Intel® Core™ i7/i5/i3 U-series Processor (Kaby Lake) Compact Embedded Box PC, 3 GigE LAN with 2 M12 PoE+, Isolated COM, 1 PCI, 1 SIM,
4 USB 3.0, 32 Isolated DIO, Rugged, Expandable, DIN Rail Mount, Fanless -40°C to 85°C Extended Temperature
ƒ
Intel® Core™ i7/i5/i3 U-series SoC (Kaby Lake/Skylake)
ƒ
3 Independent GigE LAN with 2 M12 IEEE 802.3at PoE+
ƒ
Rugged, Fanless -40°C to 85°C Operating Temperature
ƒ
4 USB 3.0, 2 SATA III, 2 Mini PCIe, 1 PCI
ƒ
4 COM RS-232/422/485 with 1 Isolated COM
ƒ
32 Isolated DIO, Ignition Power Control
ƒ
Mounting : DIN Rail, Wallmount
ƒ
Supports DVI-I and DVI-D dual HD displays
ƒ
6V to 36V DC-in with 80V Surge Protection
ƒ
External SIM Socket for WiFi/4G/3G/LTE/GPRS/UMTS
System
Processor
Intel
® Core™ i7-7600U/i7-6600U/i5-6300U/Celeron® 3955U
Processor (Kaby Lake-U/Skylake-U)
Chipset
Intel
® SoC
BIOS
AMI
SIO
IT8786E
Memory
2 DDR4 2133MHz SO-DIMM, up to 32GB
I/O Interface
Serial
ƒ
1 Isolated COM RS-232/422/485 (2.5kV Isolation)
ƒ
3 COM RS-232/422/485
USB
4 USB 3.0 (External)
Isolated DIO
32 Isolated DIO : 16 DI, 16 DO
LED
Power, HDD, PoE, Wireless
SIM Card
1 SIM Card Socket (External)
Expansion
Mini PCIe
2 Mini PCIe Socket :
ƒ
1 Full-size for PCIe/USB/External SIM Card/mSATA
ƒ
1 Full-size for PCIe/USB/mSATA
PCI
1 PCI Slot
Graphics
Graphics
Processor
ƒ
Intel
® HD Graphics 620/520
Interface
ƒ
DVI-I : Up to 1920 x1200 @ 60Hz
ƒ
DVI-D : Up to 1920 x 1200 @ 60Hz
Storage
SATA
2 SATA III support S/W RAID 0, 1 :
ƒ
1 SATA III (6Gbps)
ƒ
1 SATA III co-lay with Mini PCIe (6Gbps)
mSATA
1 SATA III co-lay with SATA (Mini PCIe Type, 6Gbps)
Storage
Device
ƒ
1 CFast Socket, Push-in/Push-out Ejector
ƒ
2 2.5"SSD/HDD Bracket (Internal)
Audio
Audio Codec
Realtek ALC892, 5.1 Channel HD Audio
Audio
Interface
1 Mic-in, 1 Line-out
Ethernet
LAN 1
Intel
® I219LM GigE LAN supports iAMT 11.0
PoE
LAN 2
GigE IEEE 802.3at (25.5W/48V) PoE
+ by Intel® I210 with
Power On/Off Control, M12 Connector
LAN 3
GigE IEEE 802.3at (25.5W/48V) PoE
+ by Intel® I210 with
Power On/Off Control, M12 Connector
Power
Power Input
6V to 36V, DC-in
Power
Interface
3-pin Terminal Block : V+, V-, Frame Ground
Ignition
Control
16 Mode (Internal)
Remote
Switch
3-pin terminal block : On, Off, IGN
Surge
Protection
Up to 80V/1ms Transient Power
Others
TPM
Optional Infineon SLB9665 supports TPM 2.0, LPC Interface
Watchdog
Timer
Reset : 1 to 255 sec./min. per step
Smart
Management
Wake on LAN, PXE supported
HW Monitor
Monitoring temperature, voltages. Auto throttling control
when CPU overheats.
Software Support
OS
Windows 10, Windows 8.1, Windows 7, Linux
Mechanical
Dimensions
(W x L x H)
186mm x 147mm x 82mm (7.3" x 5.8" x 3.2")
Weight
2.2 kg (4.85 lb)
Mounting
ƒ
Wallmount by mounting bracket
ƒ
DIN Rail Mount (optional)
Environment
Operating
Temperature
-40°C to 85°C (-40°F to 185°F)
Storage
Temperature
-40°C to 85°C (-40°F to 185°F)
Humidity
5% to 95% Humidity, non-condensing
Relative
Humidity
95% @ 85°C
Shock
ƒ
IEC 60068-2-27
ƒ
SSD : 50G @ wallmount, Half-sine, 11ms
Vibration
ƒ
IEC 60068-2-64
ƒ
SSD : 5Grms, 5Hz to 500Hz, 3 Axis
EMC
CE, FCC, EN50155, EN50121-3-2


Similar Part No. - ARS-2001M

ManufacturerPart #DatasheetDescription
logo
Vecow Co., Ltd.
ARS-2001 VECOW-ARS-2001 Datasheet
431Kb / 2P
4 COM RS-232/422/485 with 1 Isolated COM
ARS-2001-300U VECOW-ARS-2001-300U Datasheet
431Kb / 2P
4 COM RS-232/422/485 with 1 Isolated COM
ARS-2001-600U VECOW-ARS-2001-600U Datasheet
431Kb / 2P
4 COM RS-232/422/485 with 1 Isolated COM
ARS-2001-7600U VECOW-ARS-2001-7600U Datasheet
431Kb / 2P
4 COM RS-232/422/485 with 1 Isolated COM
ARS-2001-955U VECOW-ARS-2001-955U Datasheet
431Kb / 2P
4 COM RS-232/422/485 with 1 Isolated COM
More results

Similar Description - ARS-2001M

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PER-C20S AAEON-PER-C20S Datasheet
167Kb / 1P
Mini PCI Module With 2 SATA 1 Ports
logo
Advantech Co., Ltd.
ASMB-584G2-00A1E ADVANTECH-ASMB-584G2-00A1E Datasheet
789Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
logo
Axiomtek Co., Ltd.
EBOX560-300-FL AXIOMTEK-EBOX560-300-FL Datasheet
293Kb / 1P
N3710 1.6 GHz, 2 HDMI, 2 GbE LAN, 4 USB 3.0, 2 COM and PCIe Mini Card
logo
Advantech Co., Ltd.
EMIO-200SA-MP01E ADVANTECH-EMIO-200SA-MP01E Datasheet
689Kb / 1P
PCIe to 2-Ch SATA III Port Module
logo
Vecow Co., Ltd.
RCX-1421F VECOW-RCX-1421F Datasheet
384Kb / 2P
RCX-1400F, 2 GigE LAN, 1 PCIe x16, 1 PCIe x4, 1 PCI, 4 COM, 6 USB 3.1, 2 SIM, Isolated DIO
RCX-1421FR VECOW-RCX-1421FR Datasheet
408Kb / 2P
RCX-1400F, 2 GigE LAN, 1 PCIe x16, 1 PCIe x4, 1 PCI, 4 SSD Tray, 4 COM, 6 USB 3.1, 2 SIM, Isolated DIO
RCX-1422 VECOW-RCX-1422 Datasheet
371Kb / 2P
RCX-1400, 2 GigE LAN, 1 PCIe x16, 1 PCIe x4, 2 PCI, 4 COM, 6 USB 3.1, 2 SIM, Isolated DIO
RCX-1422R VECOW-RCX-1422R Datasheet
395Kb / 2P
RCX-1400, 2 GigE LAN, PCIe x16, 1 PCIe x4, 2 PCI, 4 SSD Tray, 4 COM, 6 USB 3.1, 2 SIM, Isolated DIO
UMX-100 VECOW-UMX-100 Datasheet
566Kb / 1P
Mini PCIe 2-port USB Card
logo
Advantech Co., Ltd.
EMIO-200SA ADVANTECH-EMIO-200SA Datasheet
688Kb / 1P
PCIe to 2-Ch SATA III Port Module
24-Feb-2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com