Electronic Components Datasheet Search
  English  ▼

X  

DMX-110 Datasheet(PDF) 1 Page - Vecow Co., Ltd.

Part # DMX-110
Description  Mini PCIe 32-bit GPIO Card
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECOW [Vecow Co., Ltd.]
Direct Link  http://www.vecow.com
Logo VECOW - Vecow Co., Ltd.

DMX-110 Datasheet(HTML) 1 Page - Vecow Co., Ltd.

  DMX-110 Datasheet HTML 1Page - Vecow Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.vecow.com
DMX-100-20190121
* The rights of all brand names, product names and trademarks belong to their respective owners.
Copyright © 2018 Vecow Co., Ltd. All rights reserved.
Specifications
Features
Unit : mm/ inch
Dimensions
Order Information
ƒ
4KV Isolated Protection for each channel
ƒ
-40°C to 85°C Operating Temperature
ƒ
32-bit Programmable signals
ƒ
4 ports digital signal, each with 8-bit GPIO
ƒ
Onboard Interrupt supports Rising/Falling Edge
ƒ
Programmable Timer and Counter for status monitoring
ƒ
Isolated DIO Control : Sink Mode/Source Mode
ƒ
Supports Wide Range I/O Voltage
DMX-100
Mini PCIe Digital I/O Card, 32-bit GPIO/Isolated DIO, -40°C to 85°C
DMX-100
Mini PCIe 32-bit GPIO Card
DMX-110
Mini PCIe 32-bit GPIO Card with Isolated DIO Expansion Card
GPIO (DMX-100-M)
Interface
USB 2.0
Number of port
4 (8-bit GPIO/each)
Power Input
3.3V DC-in
I/O Voltage
3.3V
Isolated DIO Expansion Card (DMX-100-E)
Number of port
- Input : 2 (8-bit GPIO/each)
- Output : 1 with 16-bit Isolated DIO
I/O Voltage
- Sink Mode : 6V to 40V
- Source Mode : 6V to 48V
Mechanical
Dimensions
(W x L)
DMX-100-M : 30.0mm x 50.9mm
DMX-100-E : 45.0mm x 55.0mm
Cable Length : 250mm
Weight
160 g
Software Support
OS
Windows 10, Windows 7, Linux
Environment
Operating
Temperature
-40°C to 85°C (-40°F to 185°F)
Storage
Temperature
-40°C to 85°C (-40°F to 185°F)
Humidity
5% to 95% Humidity, non-condensing
Relative Humidity
95% @ 85°C
EMC
CE, FCC
Packing List
DMX-100 :
DMX-110 :
- 1 DMX-100-M GPIO Card
- 1 DMX-100-M GPIO Card
- 4 GPIO Cable
- 2 DMX-100-E Isolated DIO Expansion Card
- 1 Screw Kit
- 4 Isolated DIO Cable
- 2 Bracket
- 2 Sink/Source Mode Control Cable
- 1 Screw Kit
- 2 Bracket
- 2 Terminal block 20-pin (2.54mm)
24.2 (0.95")
30.0 (1.18")
DMX-100-M
45.0 (1.77")
3.7 (0.15")
DMX-100-E
27.7 (1.09")
43.7 (1.72")
21.1 (0.83")
DMX-100-E with Bracket
21.1 (0.83")
DMX-100-M with GPIO cable
DMX-100
DMX-110
-40º 85º


Similar Part No. - DMX-110

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
DMX-500 SLPOWER-DMX-500 Datasheet
145Kb / 2P
500 WATTS MULTIPLE OUTPUT 48 VDC INPUT, FORCED CURRENT SHARING
DMX-503-0512 SLPOWER-DMX-503-0512 Datasheet
145Kb / 2P
500 WATTS MULTIPLE OUTPUT 48 VDC INPUT, FORCED CURRENT SHARING
DMX-504-1205 SLPOWER-DMX-504-1205 Datasheet
145Kb / 2P
500 WATTS MULTIPLE OUTPUT 48 VDC INPUT, FORCED CURRENT SHARING
DMX-504-1212 SLPOWER-DMX-504-1212 Datasheet
145Kb / 2P
500 WATTS MULTIPLE OUTPUT 48 VDC INPUT, FORCED CURRENT SHARING
DMX-504-1224 SLPOWER-DMX-504-1224 Datasheet
145Kb / 2P
500 WATTS MULTIPLE OUTPUT 48 VDC INPUT, FORCED CURRENT SHARING
More results

Similar Description - DMX-110

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EWM-C106FT ADVANTECH-EWM-C106FT Datasheet
742Kb / 1P
HSUPA Full-size Mini PCIe Card
EWM-C107 ADVANTECH-EWM-C107 Datasheet
742Kb / 1P
EVDO Mini PCIe Card
EWM-C108HQ ADVANTECH-EWM-C108HQ Datasheet
719Kb / 1P
HSUPA Half-size Mini PCIe Card
EWM-G107F ADVANTECH-EWM-G107F Datasheet
757Kb / 1P
Embedded GPS/ GALILEO Mini PCIe Card
EWM-G107H ADVANTECH-EWM-G107H Datasheet
757Kb / 1P
Embedded GPS/ GALILEO Mini PCIe Card
logo
Axiomtek Co., Ltd.
OPS830 AXIOMTEK-OPS830 Datasheet
258Kb / 1P
PCIe Mini Card
GOT3126T-832 AXIOMTEK-GOT3126T-832 Datasheet
425Kb / 2P
Easy for expansion: PCIe Mini Card
logo
Skyworks Solutions Inc.
SKY65249-11 SKYWORKS-SKY65249-11_07 Datasheet
1Mb / 2P
PCIe, mini PCI card bus
logo
Vecow Co., Ltd.
UMX-100 VECOW-UMX-100 Datasheet
566Kb / 1P
Mini PCIe 2-port USB Card
logo
Advantech Co., Ltd.
AMAX-5400E ADVANTECH-AMAX-5400E Datasheet
543Kb / 1P
PCIe mini card expansion module
20-Jul-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com