Electronic Components Datasheet Search
  English  ▼

X  

14992152 Datasheet(PDF) 1 Page - Adels-Contact

Part # 14992152
Description  AC 164 VT 3-2 015 white
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

14992152 Datasheet(HTML) 1 Page - Adels-Contact

  14992152 Datasheet HTML 1Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
09/12/2019
Connectors System AC 164
Plug and Socket Connectors Flat Version
AC 164 VT 3-2 015 white
Distributor, 2 pole, white, Coding: 1 (Mains), Voltage Rating: 240 V, Current Rating: 10 A, Connection
Type: Screw
Order Info
Reference Number (ref. no.)
14992152
Applications
Lighting, Installation, Electrical Appliances
PU
200
EAN
4028012130658
Type
Type
Distributor
Number of poles
2 pole
Colour
white
Coding
1 (Mains)
Connection Type
Screw
Protection Against Incorrect Plugging
yes
Latch
yes
Technical Data
Voltage Rating
240 V
Current Rating
10 A
Insulating Material
PA 6.6
Contact Material
Brass
Flammability Rating
V-2
max. Ambient Temperature Operation
70 °C
IP Code
IP20
IP Code when Plugged
IP40
Type of Conductor Flexible
yes
Core Cross-Section
1.0 mm²
Fire Class
Eca


Similar Part No. - 14992152

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
1499215P ADELS-1499215P Datasheet
120Kb / 1P
AC 164 VT 3-2 015 pastel blue ZEL white
09/12/2019
More results

Similar Description - 14992152

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
146052 ADELS-146052 Datasheet
119Kb / 2P
AC 164 ST/ 2 white
12/11/2019
146053 ADELS-146053 Datasheet
119Kb / 2P
AC 164 ST/ 3 white
12/11/2019
149552 ADELS-149552 Datasheet
114Kb / 1P
AC 164 BC/ 2 white
12/11/2019
149553 ADELS-149553 Datasheet
115Kb / 1P
AC 164 BC/ 3 white
12/11/2019
146452 ADELS-146452 Datasheet
121Kb / 2P
AC 164 STF/ 2 white
09/12/2019
146453 ADELS-146453 Datasheet
122Kb / 2P
AC 164 STF/ 3 white
09/12/2019
148652 ADELS-148652 Datasheet
119Kb / 2P
AC 164 EBU/ 2 white
09/12/2019
148653 ADELS-148653 Datasheet
119Kb / 2P
AC 164 EBU/ 3 white
09/12/2019
148752 ADELS-148752 Datasheet
119Kb / 2P
AC 164 EST/ 2 white
09/12/2019
1499215P ADELS-1499215P Datasheet
120Kb / 1P
AC 164 VT 3-2 015 pastel blue ZEL white
09/12/2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com