Electronic Components Datasheet Search
  English  ▼

X  

ICS889831 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS889831
Description  LOW SKEW, 1-TO-4 DIFFERENTIAL LVPECL-TO-LVPECL/ECL FANOUT BUFFER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS889831 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS889831 Datasheet HTML 8Page - Integrated Circuit Systems ICS889831 Datasheet HTML 9Page - Integrated Circuit Systems ICS889831 Datasheet HTML 10Page - Integrated Circuit Systems ICS889831 Datasheet HTML 11Page - Integrated Circuit Systems ICS889831 Datasheet HTML 12Page - Integrated Circuit Systems ICS889831 Datasheet HTML 13Page - Integrated Circuit Systems ICS889831 Datasheet HTML 14Page - Integrated Circuit Systems ICS889831 Datasheet HTML 15Page - Integrated Circuit Systems ICS889831 Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
889831AK
www.icst.com/products/hiperclocks.html
REV. A JUNE 16, 2005
12
Integrated
Circuit
Systems, Inc.
ICS889831
LOW SKEW, 1-TO-4
DIFFERENTIAL LVPECL-TO-LVPECL/ECL FANOUT BUFFER
Receiver
with
Built-In
50 Ohm
IN
nIN
VT
3.3V
3.3V
R1
1K
R2
1K
FIGURE 6. UNUSED INPUT HANDLING
3.3V DIFFERENTIAL INPUT WITH BUILT-IN 50
Ω
Ω
Ω
Ω
Ω TERMINATION UNUSED INPUT HANDLING
To prevent oscillation and to reduce noise, it is recommended to
have pullup and pulldown connect to true and compliment of the
unused input as shown in
Figure 6.
FIGURE 7. UNUSED INPUT HANDLING
2.5V DIFFERENTIAL INPUT WITH BUILT-IN 50
Ω
Ω
Ω
Ω
Ω TERMINATION UNUSED INPUT HANDLING
To prevent oscillation and to reduce noise, it is recommended to
have pullup and pulldown connect to true and compliment of the
unused input as shown in
Figure 7.
IN
nIN
VT
2.5V
R2
680
Receiver
with
Built-In
50 Ohm
2.5V
R1
680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com