Electronic Components Datasheet Search
  English  ▼

X  

P581-006 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P581-006
Description  DisplayPort to DVI-D Cable Adapter, Single-Link Adapter with Latches (M/M), 6 ft.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P581-006 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P581-006 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P581-006 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
DisplayPort to DVI-D Cable Adapter, Single-Link
Adapter with Latches (M/M), 6 ft.
MODEL NUMBER: P581-006
Description
The P581-006 DisplayPort to DVI-D Cable Adapter (M/M) allows you to connect a computer with a
DisplayPort connection to a high-definition television or monitor with a DVI input. Digital video signals are
passed through with full 1080p video resolution. Fully molded ends are designed to last a long time.
The six-foot P581-006 is a passive adapter that requires the host computer to have a DP++ dual-mode
connector, which allows HDMI and DVI signals to be passed through. Check your computer's
documentation for compatibility.
Features
DisplayPort Male to DVI-D Male, 6 ft.
q
Single-link adapter with latches
q
Molded ends
q
1080p resolution
q
Passive adapter requires the connected computer have DP++ (DisplayPort ++) dual-mode port
q
Highlights
DisplayPort Male to DVI-D Male,
6 ft.
q
Single-link adapter with latches
q
Molded ends
q
1080p resolution
q
Passive adapter requires the
connected computer have DP++
(DisplayPort ++) dual-mode port
q
System Requirements
Not for use with MST Hubs. For
compatibility with MST Hubs,
use a DisplayPort 1.2 compliant
product such as P581-006-V2
q
Package Includes
DisplayPort to DVI-D Cable
Adapter, Single-Link Adapter
with Latches (M/M), 6 ft.
q
OVERVIEW
UPC Code
037332148032
INPUT
Cable Length (ft.)
6
1 / 2


Similar Part No. - P581-006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P581-006 TRIPPLITE-P581-006 Datasheet
63Kb / 3P
DisplayPort to DVI Adapter Cable (DP with Latches to DVI-D Single Link M/M), 6 ft. (1.8 m)
P581-006-V2 TRIPPLITE-P581-006-V2 Datasheet
497Kb / 2P
DisplayPort 1.2 to DVI Active Adapter Cable, DP with Latches to DVI (M/M), 1920x1200/1080p, 6 ft.
P581-006-V2 TRIPPLITE-P581-006-V2 Datasheet
24Kb / 2P
DisplayPort 1.2 to DVI Active Adapter Cable (DP with Latches to DVI-D Dual Link M/M), 6 ft. (1.8 m)
P581-006-V2 TRIPPLITE-P581-006-V2_V01 Datasheet
24Kb / 2P
DisplayPort 1.2 to DVI Active Adapter Cable (DP with Latches to DVI-D Dual Link M/M), 6 ft. (1.8 m)
P581-006-VGA TRIPPLITE-P581-006-VGA Datasheet
160Kb / 2P
DisplayPort to Active VGA Cable, Displayport with Latches to HD-15 Adapter (M/M), 6-ft.
More results

Similar Description - P581-006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P586006DVI TRIPPLITE-P586006DVI Datasheet
498Kb / 2P
Mini DisplayPort to DVI Cable Adapter (M-M), 6-ft
P581006 TRIPPLITE-P581006 Datasheet
483Kb / 2P
DisplayPort to DVI Cable, Displayport with Latches to DVI-D Single Link Adapter (M-M), 6-ft
P581010 TRIPPLITE-P581010 Datasheet
483Kb / 2P
Displayport to DVI Cable, Displayport with Latches to DVI-D Single Link Adapter (M-M), 10-ft
P581-010 TRIPPLITE-P581-010 Datasheet
167Kb / 2P
Displayport to DVI Cable, Displayport with Latches to DVI-D Single Link Adapter (M/M), 10-ft.
P586-006-DVI TRIPPLITE-P586-006-DVI Datasheet
162Kb / 2P
Mini DisplayPort to DVI Cable Adapter (M/M), 6-ft.
P581-003-V2 TRIPPLITE-P581-003-V2_V01 Datasheet
42Kb / 3P
DisplayPort 1.2 to DVI Active Adapter Cable (DP with Latches to DVI-D Dual Link M/M), 3 ft. (0.9 m)
P581-003 TRIPPLITE-P581-003_V01 Datasheet
42Kb / 3P
DisplayPort to DVI Adapter Cable (DP with Latches to DVI-D Single Link M/M), 3 ft. (0.9 m)
P581-006-V2 TRIPPLITE-P581-006-V2_V01 Datasheet
24Kb / 2P
DisplayPort 1.2 to DVI Active Adapter Cable (DP with Latches to DVI-D Dual Link M/M), 6 ft. (1.8 m)
P581-006 TRIPPLITE-P581-006_V01 Datasheet
63Kb / 3P
DisplayPort to DVI Adapter Cable (DP with Latches to DVI-D Single Link M/M), 6 ft. (1.8 m)
P581-015 TRIPPLITE-P581-015_V01 Datasheet
43Kb / 3P
DisplayPort to DVI Adapter Cable (DP with Latches to DVI-D Single Link M/M), 15 ft. (4.6 m)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com