Electronic Components Datasheet Search
  English  ▼

X  

PLR155 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # PLR155
Description  Technical Data Sheet Photo link Light Receiver Unit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PLR155 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  PLR155 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PLR155 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PLR155 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PLR155 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PLR155 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PLR155 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PLR155 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
http://www.everlight.com
Rev 1.0
Page: 5 of 7
Device NO: DPL-155-001
Prepared Date:04-06-2004
Prepared By: Chin-Chia Hsu
L2:47uH
C1:0.1uF
Vout
5V
L2
Vcc
GND
C1
Receiver Unit
C2
C2:30pF (Suggestion)
PLR155 Series
*Fig.3 Measuring Method of Output Voltage, Pulse and Jitter
Output
Vin
16 Mbps NRZ "0101" successive signal input
Standard Transmitter Unit
Input
Signal
Input
tw = TPHL-TPLH
tj2
tj1
50%
50%
CH2
T
TPLH
PHL
Vcc
GND
CH1
Standard plastic optic fiber cable
A
GND
Vcc
Vout
PLR155 Receiver Unit
0.1uF
47uH
3V
Application Circuit
(1) General application circuit for Vcc=3V
(2) General application circuit for Vcc=5V
L2:47uH
C1:0.1uF
Vout
3V
L2
Vcc
GND
C1
Receiver Unit
Note: For having good coupling, the C1,C2 capacitor must be placed within 7mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com