Electronic Components Datasheet Search
  English  ▼

X  

3200713 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 3200713
Description  Ferrules With Insulating Collar According to DIN 46228-4
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3200713 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3200713 Datasheet HTML 1Page - PHOENIX CONTACT 3200713 Datasheet HTML 2Page - PHOENIX CONTACT 3200713 Datasheet HTML 3Page - PHOENIX CONTACT 3200713 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AI…
103090s_en_01
PHOENIX CONTACT
3
Figure 1
Dimensions (tolerances according to DIN 46228-4)
2.5 mm
2
25.0 mm
18.0 mm
2.3 mm
0.15 mm
4.2 mm
0.3 mm
Blue
DIN/W
AI 2,5 -18 BU
3200580
100
2.5 mm
2
25.0 mm
18.0 mm
2.3 mm
0.15 mm
4.2 mm
0.3 mm
Gray
NF
AI 2,5 -18 GY
3200072
100
4 mm
2
17.5 mm
10.0 mm
2.9 mm
0.2 mm
4.7 mm
0.3 mm
Gray
DIN/W
AI 4
-10 GY
3200535
100
4 mm
2
17.5 mm
10.0 mm
2.9 mm
0.2 mm
4.7 mm
0.3 mm
Orange
NF
AI 4
-10 OG
3200085
100
4 mm
2
19.5 mm
12.0 mm
2.9 mm
0.2 mm
4.7 mm
0.3 mm
Gray
DIN/W
AI 4
-12 GY
3200959
100
4 mm
2
19.5 mm
12.0 mm
2.9 mm
0.2 mm
4.7 mm
0.3 mm
Orange
NF
AI 4
-12 OG
3200438
100
4 mm
2
22.5 mm
18.0 mm
2.9 mm
0.2 mm
4.7 mm
0.3 mm
Gray
DIN/W
AI 4
-18 GY
3200593
100
4 mm
2
22.5 mm
18.0 mm
2.9 mm
0.2 mm
4.7 mm
0.3 mm
Orange
NF
AI 4
-18 OG
3200098
100
6 mm
2
20.0 mm
12.0 mm
3.6 mm
0.2 mm
6.2 mm
0.3 mm
Black
W
AI 6
-12 BK
3201107
100
6 mm
2
20.0 mm
12.0 mm
3.6 mm
0.2 mm
6.2 mm
0.3 mm
Green
NF
AI 6
-12 GN
3200108
100
6 mm
2
20.0 mm
12.0 mm
3.6 mm
0.2 mm
6.2 mm
0.3 mm
Yellow
DIN
AI 6
-12 YE
3200548
100
6 mm
2
26.0 mm
18.0 mm
3.6 mm
0.2 mm
6.2 mm
0.3 mm
Green
NF
AI 6
-18 GN
3200111
100
6 mm
2
26.0 mm
18.0 mm
3.6 mm
0.2 mm
6.2 mm
0.3 mm
Yellow
DIN
AI 6
-18 YE
3200603
100
10 mm
2
21.0 mm
12.0 mm
4.6 mm
0.2 mm
7.5 mm
0.3 mm
Brown
NF
AI 10
-12 BN
3200124
100
10 mm
2
21.0 mm
12.0 mm
4.6 mm
0.2 mm
7.5 mm
0.3 mm
Ivory
W
AI 10
-12 IV
3201068
100
10 mm
2
21.0 mm
12.0 mm
4.6 mm
0.2 mm
7.5 mm
0.3 mm
Red
DIN
AI 10
-12 RD
3200551
100
10 mm
2
27.0 mm
18.0 mm
4.6 mm
0.2 mm
7.5 mm
0.3 mm
Brown
NF
AI 10
-18 BN
3200137
100
10 mm
2
27.0 mm
18.0 mm
4.6 mm
0.2 mm
7.5 mm
0.3 mm
Red
DIN
AI 10
-18 RD
3200616
100
16 mm
2
23.0 mm
12.0 mm
6.0 mm
0.2 mm
8.7 mm
0.5 mm
Blue
DIN
AI 16
-12 BU
3200564
100
16 mm
2
23.0 mm
12.0 mm
6.0 mm
0.2 mm
8.7 mm
0.5 mm
Green
W
AI 16
-12 GN
3201152
100
16 mm
2
23.0 mm
12.0 mm
6.0 mm
0.2 mm
8.7 mm
0.5 mm
Ivory
NF
AI 16
-12 IV
3201181
100
16 mm
2
23.0 mm
12.0 mm
6.0 mm
0.2 mm
8.7 mm
0.5 mm
White
–
AI 16
-12 WH
3200140
100
16 mm
2
29.0 mm
18.0 mm
6.0 mm
0.2 mm
8.7 mm
0.5 mm
Blue
DIN
AI 16
-18 BU
3200629
100
16 mm
2
29.0 mm
18.0 mm
6.0 mm
0.2 mm
8.7 mm
0.5 mm
Green
W
AI 16
-18 GN
3201330
100
16 mm
2
29.0 mm
18.0 mm
6.0 mm
0.2 mm
8.7 mm
0.5 mm
White
–
AI 16
-18 WH
3200153
100
25 mm
2
29.0 mm
16.0 mm
7.5 mm
0.2 mm
10.8 mm
0.5 mm
Black
NF
AI 25
-16 BK
3200412
50
25 mm
2
29.0 mm
16.0 mm
7.5 mm
0.2 mm
10.8 mm
0.5 mm
Brown
W
AI 25
-16 BN
3201084
100
25 mm
2
29.0 mm
16.0 mm
7.5 mm
0.2 mm
10.8 mm
0.5 mm
Yellow
DIN
AI 25
-16 YE
3200577
50
25 mm
2
31.0 mm
18.0 mm
7.5 mm
0.2 mm
10.8 mm
0.5 mm
Yellow
DIN
AI 25
-18 YE
3201505
50
25 mm
2
35.0 mm
22.0 mm
7.5 mm
0.2 mm
10.8 mm
0.5 mm
Black
NF
AI 25
-22 BK
3200739
50
25 mm
2
35.0 mm
22.0 mm
7.5 mm
0.2 mm
10.8 mm
0.5 mm
Yellow
DIN
AI 25
-22 YE
3200700
50
35 mm
2
30.0 mm
16.0 mm
8.5 mm
0.2 mm
12.3 mm
0.6 mm
Beige
W
AI 35
-16 BE
3201071
50
35 mm
2
30.0 mm
16.0 mm
8.5 mm
0.2 mm
12.3 mm
0.6 mm
Red
DIN/NF
AI 35
-16 RD
3200441
50
35 mm
2
32.0 mm
18.0 mm
8.5 mm
0.2 mm
12.3 mm
0.6 mm
Red
DIN/NF
AI 35
-18 RD
3201495
50
35 mm
2
39.0 mm
25.0 mm
8.5 mm
0.2 mm
12.3 mm
0.6 mm
Red
DIN/NF
AI 35
-25 RD
3200713
50
50 mm
2
36.0 mm
20.0 mm
10.5 mm
0.3 mm
15.0 mm
0.6 mm
Blue
DIN/NF
AI 50
-20 BU
3200454
50
50 mm
2
36.0 mm
20.0 mm
10.5 mm
0.3 mm
15.0 mm
0.6 mm
Olive
W
AI 50
-20 OL
3201178
50
50 mm
2
41.0 mm
25.0 mm
10.5 mm
0.3 mm
15.0 mm
0.6 mm
Blue
DIN/NF
AI 50
-25 BU
3200726
25
50 mm
2
41.0 mm
25.0 mm
10.5 mm
0.3 mm
15.0 mm
0.6 mm
Black
–
AI 50
-25 BK
3240678
25
70 mm
2
37.0 mm
20.0 mm
12.7 mm
0.4 mm
15.8 mm
0.7 mm
Yellow
DIN
AI 70
-20 YE
2
3201848
25
95 mm
2
44.0 mm
25.0 mm
14.5 mm
0.4 mm
18.0 mm
0.6 mm
Red
DIN
AI 95
-25 RD
2
3201853
25
120 mm
2
48.0 mm
27.0 mm
16.5 mm
0.5 mm
21.0 mm
0.7 mm
Blue
DIN
AI120
-27 BU
2
3201822
25
1
DIN = Color code according to DIN 46228-4; W = Color code according to Weidmüller standard; NF = Color code according to NF C 63-023
2
These ferrules are not included in DIN 46228-4.
Ferrules With Insulating Collar According to DIN 46228-4 [...]
Cross
Section
l
1
l
2
d
1
s
1
d
2
s
2
Color
Color
Code
1
Type
Order
No.
Pcs./Pck.
l
1 =Total length
l
2 =
Sleeve length
d
1 =
Inside diameter of sleeve
s
1 =
Wall thickness of sleeve
d
2 =
Inside diameter of insulating collar
s
2 =
Wall thickness of insulating collar
1
I
2
I



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com