Electronic Components Datasheet Search
  English  ▼

X  

0203409 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0203409
Description  Fixed bridge - FBI 5- 6 M.MONTIERTEN SCHRAUB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0203409 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0203409 Datasheet HTML 1Page - PHOENIX CONTACT 0203409 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/0203409
12/09/2015   Page 1 / 2
Fixed bridge - FBI 5- 6 M.MONTIERTEN SCHRAUB - 0203409
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Fixed bridge, Number of positions: 5, Color: silver
The figure shows a similar product
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
10 pc
Weight per Piece (excluding packing)
8.07 g
Custom tariff number
85389099
Country of origin
Germany
Technical data
Technical data
Color
silver
Material
CU
Number of positions
5
Classifications
eCl@ss
eCl@ss 4.0
27141199
eCl@ss 4.1
27141199
eCl@ss 5.0
27141140
eCl@ss 5.1
27141140
eCl@ss 6.0
27141140
eCl@ss 7.0
27141140
eCl@ss 8.0
27141140
ETIM
ETIM 2.0
EC000489


Similar Part No. - 0203409

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
02034 GENERAL-02034 Datasheet
77Kb / 1P
Super Vu-Tron짰 III Types SJOOW/SOOW
02034 GENERAL-02034 Datasheet
78Kb / 1P
Super Vu-Tron짰 III Types SJOOW/SOOW
logo
STEGO Elektrotechnik Gm...
02034.0-00 STEGO-02034.0-00 Datasheet
280Kb / 1P
EXPLOSION-PROOF ENCLOSURE HEATER
18.10.2022
logo
General Cable Technolog...
02034.15T.05 GENERAL-02034.15T.05 Datasheet
78Kb / 1P
Super Vu-Tron짰 III Types SJOOW/SOOW
02034.41.05 GENERAL-02034.41.05 Datasheet
78Kb / 1P
Super Vu-Tron짰 III Types SJOOW/SOOW
More results

Similar Description - 0203409

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0201867 PHOENIX-0201867 Datasheet
45Kb / 2P
Fixed bridge - FBI 20-6 - 0201867
0203250 PHOENIX-0203250 Datasheet
46Kb / 2P
Fixed bridge - FBI 10- 6 - 0203250
0203360 PHOENIX-0203360 Datasheet
43Kb / 2P
Fixed bridge - FBI 4-6 SCREWS INSTALLED - 0203360
0203386 PHOENIX-0203386 Datasheet
43Kb / 2P
Fixed bridge - FBI 10-6 SCREWS INSTALLED - 0203386
0203425 PHOENIX-0203425 Datasheet
45Kb / 2P
Fixed bridge - FBI 3- 6 - 0203425
0203438 PHOENIX-0203438 Datasheet
45Kb / 2P
Fixed bridge - FBI 2- 6 - 0203438
0201278 PHOENIX-0201278 Datasheet
49Kb / 2P
Fixed bridge - FBI 3-15
0201317 PHOENIX-0201317 Datasheet
46Kb / 2P
Fixed bridge - FBI 3-20
12/09/2015
0203373 PHOENIX-0203373 Datasheet
43Kb / 2P
Fixed bridge - FBI 6- 6 M.MONTIERTEN SCHRAUB
0711302 PHOENIX-0711302 Datasheet
43Kb / 2P
Fixed bridge - FBI 5-15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com