Electronic Components Datasheet Search
  English  ▼

X  

ELM313 Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM313
Description  STEPPER MOTOR CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM313 Datasheet(HTML) 1 Page - ELM Electronics

  ELM313 Datasheet HTML 1Page - ELM Electronics ELM313 Datasheet HTML 2Page - ELM Electronics ELM313 Datasheet HTML 3Page - ELM Electronics ELM313 Datasheet HTML 4Page - ELM Electronics ELM313 Datasheet HTML 5Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ELM313
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
Connection Diagram
PDIP and SOIC
(top view)
VDD
VSS
1
2
3
4
8
7
6
5
Stepper Motor Controller
The ELM313 is an interface circuit for use
between high speed logic and four phase stepper
motor driver circuits. All of the logic required to
provide stepping in two directions is contained in this
one 8 pin package.
This circuit supports only the full-step two phase
mode of operation. This mode provides sequential
phase control output signals for driving a variety of
motors. In this mode, two phases are always
energized, providing several advantages over single
phase full (wave) stepping, at the cost of higher
power consumption by the motor.
The ELM313 can be controlled by a wide variety
of circuits, due to its fully static operation. In addition
to using high speed microprocessor control, suitably
debounced mechanical switches or continuously
running oscillator circuits could also be used.
C
A
Dir
Description
• Stepper motor drive logic
• Process sequencing
• Sequential left/right LED driver
Applications
Block Diagram
1 of 5
• Low power CMOS design - typically 1mA at 5V
• Wide supply range - 3.0 to 5.5 volt operation
• Two inputs control Full step (two phase) motion
• No external timing components
• Completely static operation - will maintain a step
position indefinitely
• High current drive outputs - up to 25 mA
• Very high speed - up to 25000 steps per second
Features
ELM313DSB
B
D
Step
5
D
4
Step
C
Dir
7
B
6
20msec
Startup
Timer
3
2
A
Inhibit
CW
Step


Similar Part No. - ELM313

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM310 ELM-ELM310 Datasheet
37Kb / 5P
STEPPER MOTOR CONTROLLER
ELM310DSB ELM-ELM310DSB Datasheet
37Kb / 5P
STEPPER MOTOR CONTROLLER
ELM310P ELM-ELM310P Datasheet
37Kb / 5P
STEPPER MOTOR CONTROLLER
ELM310SM ELM-ELM310SM Datasheet
37Kb / 5P
STEPPER MOTOR CONTROLLER
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
More results

Similar Description - ELM313

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM310 ELM-ELM310 Datasheet
37Kb / 5P
STEPPER MOTOR CONTROLLER
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
ELM312 ELM-ELM312 Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
logo
Texas Instruments
DRV8811 TI-DRV8811_11 Datasheet
1,023Kb / 22P
STEPPER MOTOR CONTROLLER IC
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824 Datasheet
742Kb / 22P
STEPPER MOTOR CONTROLLER IC
logo
LSI Computer Systems
LS7290 LSI-LS7290 Datasheet
430Kb / 9P
STEPPER MOTOR CONTROLLER
LS8297 LSI-LS8297 Datasheet
216Kb / 8P
STEPPER MOTOR CONTROLLER
LS8397 LSI-LS8397 Datasheet
229Kb / 8P
STEPPER MOTOR CONTROLLER
logo
Texas Instruments
DRV8825 TI1-DRV8825_16 Datasheet
1Mb / 32P
Stepper Motor Controller IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com