Electronic Components Datasheet Search
  English  ▼

X  

CD54HC164F Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC164F
Description  High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC164F Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC164F Datasheet HTML 1Page - Texas Instruments CD54HC164F Datasheet HTML 2Page - Texas Instruments CD54HC164F Datasheet HTML 3Page - Texas Instruments CD54HC164F Datasheet HTML 4Page - Texas Instruments CD54HC164F Datasheet HTML 5Page - Texas Instruments CD54HC164F Datasheet HTML 6Page - Texas Instruments CD54HC164F Datasheet HTML 7Page - Texas Instruments CD54HC164F Datasheet HTML 8Page - Texas Instruments CD54HC164F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS155C
Features
• Buffered Inputs
• Asynchronous Master Reset
• Typical fMAX = 60MHz at VCC = 5V, CL = 15pF,
TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC164 and ’HCT164 are 8-bit serial-in parallel-out shift
registers with asynchronous reset. Data is shifted on the
positive edge of Clock (CP). A LOW on the Master Reset
(MR) pin resets the shift register and all outputs go to the
LOW state regardless of the input conditions. Two Serial
Data inputs (DS1 and DS2) are provided, either one can be
used as a Data Enable control.
Pinout
CD54HC164, CD54HCT164
(CERDIP)
CD74HC164, CD74HCT164
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC164F3A
-55 to 125
14 Ld CERDIP
CD54HCT164F3A
-55 to 125
14 Ld CERDIP
CD74HC164E
-55 to 125
14 Ld PDIP
CD74HC164M
-55 to 125
14 Ld SOIC
CD74HC164MT
-55 to 125
14 Ld SOIC
CD74HC164M96
-55 to 125
14 Ld SOIC
CD74HCT164E
-55 to 125
14 Ld PDIP
CD74HCT164M
-55 to 125
14 Ld SOIC
CD74HCT164MT
-55 to 125
14 Ld SOIC
CD74HCT164M96
-55 to 125
14 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
DS1
DS2
Q0
Q1
Q2
Q3
GND
VCC
Q7
Q6
Q5
Q4
MR
CP
1
2
3
4
5
6
7
14
13
12
11
10
9
8
October 1997 - Revised August 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC164, CD74HC164,
CD54HCT164, CD74HCT164
High-Speed CMOS Logic
8-Bit Serial-In/Parallel-Out Shift Register
[ /Title
(CD74
HC164
,
CD74
HCT16
4)
/Sub-
ject
(High
Speed
CMOS
Logic
8-Bit
Serial-
In/Par-
allel-


Similar Part No. - CD54HC164F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC164F TI-CD54HC164F Datasheet
339Kb / 15P
High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HC164F TI2-CD54HC164F Datasheet
1Mb / 24P
CDx4HC164, CDx4HCT164 High-Speed CMOS Logic 8-Bit Serial-In, Parallel-Out Shift Register
REVISED MAY 2024
CD54HC164F.A TI2-CD54HC164F.A Datasheet
1Mb / 24P
CDx4HC164, CDx4HCT164 High-Speed CMOS Logic 8-Bit Serial-In, Parallel-Out Shift Register
REVISED MAY 2024
CD54HC164F3A TI-CD54HC164F3A Datasheet
339Kb / 15P
High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HC164F3A TI-CD54HC164F3A Datasheet
444Kb / 14P
High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
More results

Similar Description - CD54HC164F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
8-bit serial-in/parallel-out shift register
1998 May 07
logo
Texas Instruments
CD74HC164 TI-CD74HC164 Datasheet
47Kb / 7P
High Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD74HC165 TI-CD74HC165 Datasheet
52Kb / 9P
High Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD74HC166 TI-CD74HC166 Datasheet
274Kb / 13P
High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC165 TI-CD54HC165 Datasheet
261Kb / 13P
High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC164 TI-CD54HC164_07 Datasheet
339Kb / 15P
High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HC165 TI-CD54HC165_07 Datasheet
418Kb / 15P
High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC166 TI-CD54HC166_08 Datasheet
564Kb / 16P
High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC164 TI-CD54HC164_08 Datasheet
444Kb / 14P
High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com