Electronic Components Datasheet Search
  English  ▼

X  

ELM621 Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM621
Description  SERIAL THREE BIT PORT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM621 Datasheet(HTML) 1 Page - ELM Electronics

  ELM621 Datasheet HTML 1Page - ELM Electronics ELM621 Datasheet HTML 2Page - ELM Electronics ELM621 Datasheet HTML 3Page - ELM Electronics ELM621 Datasheet HTML 4Page - ELM Electronics ELM621 Datasheet HTML 5Page - ELM Electronics ELM621 Datasheet HTML 6Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ELM621
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
Connection Diagram
PDIP and SOIC
(top view)
VDD
VSS
Serial Three Bit Port
The ELM621 is a serially controlled, three bit
parallel I/O port in an 8 pin package. The high level
of integration employed means that very few
external components are required in order to
construct a fully functional circuit with this IC.
The ELM621 offers several convenient features
that many users will appreciate. The provision of a
16 byte buffer allows commands to be chained and
executed sequentially with one key stroke. The
controllable pullup resistor on the bit 3 port pin is
particularly helpful when interfacing to mechanical
switches, while the ability to control character echo
reduces overhead while operating under computer
control. Naturally, individual as well as simultaneous
read, set, clear and toggle commands are also
supported.
All communications with this device are via a
standard 9600 baud RS232 connection, using AT
style commands. No special characters are required,
so that virtually any terminal program can be used
with the ELM621. More advanced users will be
interested in operating this device under computer
program control – simply a matter of writing to and
reading from the device.
• Low power CMOS design - typically 1mA
• High speed (9600 baud) RS232 communications
• Standard ASCII commands and responses
• 16 byte receive buffer
• Switchable pullup resistance
• Minimum of external components required
• External reset input
• High current drive outputs - up to 25 mA
• Home automation monitoring and control
• Robotics
• Security monitoring
• IC programmers
B3
Tx
Description
Applications
Block Diagram
1 of 6
Features
ELM621DSA
reset
Rx
1
2
3
8
7
6
5
4
B2
B1
Tx
RS232
Interface
Command
Interpreter
5
B1
B2
VDD
reset
4
6
7
VDD
Rx
B3
2
3
Port
Control


Similar Part No. - ELM621

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM621LA ELM-ELM621LA Datasheet
527Kb / 9P
High efficiency 30V step up DC/DC converter
logo
ELM Technology Corporat...
ELM621LA ELM-TECH-ELM621LA Datasheet
527Kb / 9P
High efficiency 30V step up DC/DC converter
More results

Similar Description - ELM621

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1843 AD-AD1843 Datasheet
848Kb / 64P
Serial-Port 16-Bit SoundComm Codec
AD1847 AD-AD1847 Datasheet
311Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
AD1849K AD-AD1849K Datasheet
293Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
logo
Intersil Corporation
CDP68HC68P1 INTERSIL-CDP68HC68P1 Datasheet
253Kb / 9P
CMOS Serial 8-Bit Input/Output Port
September 2003
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A Datasheet
430Kb / 15P
Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_06 Datasheet
479Kb / 20P
Three-wire Serial EEPROM
logo
Analog Devices
AD1849KPZ AD-AD1849KPZ Datasheet
662Kb / 28P
Serial-Port 16-Bit SoundPort짰 Stereo Codec
REV. A
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1843 AD-AD1843_15 Datasheet
1Mb / 64P
Serial-Port 16-Bit SoundComm Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com