Electronic Components Datasheet Search
  English  ▼

X  

ZHTM8/4 Datasheet(PDF) 1 Page - Tyco Electronics

Part # ZHTM8/4
Description  Heat-Shrinkable, Flexible Tubing with Low Toxicity for Fire Safety Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ZHTM8/4 Datasheet(HTML) 1 Page - Tyco Electronics

  ZHTM8/4 Datasheet HTML 1Page - Tyco Electronics ZHTM8/4 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3-121
Special Purpose Tubing
Catalog 1654025
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 12-03
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Japan: 81-44-900-5102
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Singapore: 65-4866-151
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-1793-528171
3
ZHTM
Applications
A flexible, thick-wall, heat-
shrinkable tubing to be
used in conjunction with
-100 molded parts and
Zerohal cable to form
Raychem System 100. This
material exhibits excellent
fire safety characteristics
combined with low smoke
emission and low evolution
of acid gases while
retaining good mechanical
and fluid-resistance
properties. Used for
insulation and protection
of cables, harnesses, and
electrical and electronic
components in enclosed
spaces, such as in marine
applications, mass transit
systems, and offshore
installations, to reduce
toxicity risks, or where
equipment would be
irreparably damaged
by corrosive products
of combustion.
Series
Military
Agency
Industry
Raychem
ZHTM
Def. Stan. 59-97
BS 4G-198 Part 3 Type 15
BR 1326A
RW-2058
Issue 3 Type 8
VG 95343 Part 5 Type L
VDE 0341/Pt 9005
Heat-Shrinkable, Flexible
Tubing with Low Toxicity for
Fire Safety Applications
Product Facts
s
2:1 shrink ratio
s
Low smoke emission
s
System 100 tubing
Specifications/Approvals
Installation
Minimum shrink
temperature: 80°C [176°F]
Minimum full recovery
temperature: 121°C [250°F]
Operating Temperature Range
-30°C to 105°C
[-22°F to 221°F]
Available in:
Americas
Europe
Asia Pacific
s
s
s


Similar Part No. - ZHTM8/4

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHT2431 ZETEX-ZHT2431 Datasheet
176Kb / 6P
HIGH TEMPERATURE ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZHT2431 DIODES-ZHT2431 Datasheet
183Kb / 6P
HIGH TEMPERATURE ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
JULY 1997
logo
Zetex Semiconductors
ZHT2431C02 ZETEX-ZHT2431C02 Datasheet
176Kb / 6P
HIGH TEMPERATURE ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZHT2431C02 DIODES-ZHT2431C02 Datasheet
183Kb / 6P
HIGH TEMPERATURE ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
JULY 1997
logo
Zetex Semiconductors
ZHT2431F02 ZETEX-ZHT2431F02 Datasheet
176Kb / 6P
HIGH TEMPERATURE ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results

Similar Description - ZHTM8/4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TRV-160 MACOM-TRV-160 Datasheet
46Kb / 2P
Electrically insulating PVC heat shrinkable tubing
CGAT MACOM-CGAT Datasheet
48Kb / 2P
Adhesive lined polyolefin heat-shrinkable tubing
002308-000 MACOM-002308-000 Datasheet
5Mb / 85P
HX-SCE Low fire hazard heat-shrinkable wire identification sleeves
0070832002 MACOM-0070832002 Datasheet
31Kb / 2P
Semirigid, encapsulant-lined, heat-shrinkable tubing
RT-1116 MACOM-RT-1116 Datasheet
67Kb / 7P
Thermofit DR-25 Tubing Elastomeric, Fluid Resistant, Abrasion Resistant, Flexible, Heat-Shrinkable
logo
List of Unclassifed Man...
SH275-4 ETC2-SH275-4 Datasheet
85Kb / 3P
Heat Shrinkable Irradiated Polyolefin Tubing
logo
Alpha Wire
FIT350 ALPHAWIRE-FIT350 Datasheet
25Kb / 3P
Heat Shrinkable Tubing
logo
TE Connectivity Ltd
DR-25 TEC-DR-25 Datasheet
107Kb / 2P
Heat-Shrinkable Tubing
logo
Tyco Electronics
DWP-125 MACOM-DWP-125 Datasheet
74Kb / 2P
Flexible, flame-retardant, adhesive-lined, polyolefin heat-shrinkable tubing
2005
logo
List of Unclassifed Man...
ST-DG ETC1-ST-DG Datasheet
496Kb / 1P
Low Smoke Heat-Shrinkable Rubber Tubing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com