Electronic Components Datasheet Search
  English  ▼

X  

1751707 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1751707
Description  Printed-circuit board connector - ZEC 1,0/10-LPV-3,5 GY35AUC2CI1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751707 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1751707 Datasheet HTML 1Page - PHOENIX CONTACT 1751707 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1751707
03/24/2014   Page 1 / 2
Printed-circuit board connector - ZEC 1,0/10-LPV-3,5
GY35AUC2CI1 - 1751707
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Printed circuit board connector, Nominal current: 8 A, Number of positions: 10, Pitch: 3.5 mm, Color: light gray,
Contact surface: Gold
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
6.39 GRM
Custom tariff number
85366990
Country of origin
Bulgaria
Technical data
Dimensions
Pitch
3.5 mm
Dimension a
31.5 mm
General
Range of articles
ZEC 1,0/..-LPV
Rated voltage (III/3)
160 V
Connection in acc. with standard
EN-VDE
Nominal current IN
8 A
Color
light gray
Number of positions
10
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
eCl@ss 8.0
27440402


Similar Part No. - 1751707

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
17517 FREESCALE-17517 Datasheet
393Kb / 14P
1.0 A 6.8 V Dual Motor Driver IC
logo
List of Unclassifed Man...
1751710B1 ETC2-1751710B1 Datasheet
57Kb / 2P
CORDSET
logo
PHOENIX CONTACT
1751723 PHOENIX-1751723 Datasheet
239Kb / 8P
ZFKDSA 1-V-3,81- 3 - PCB terminal block
logo
ERNI Electronics
175173 ERNI-175173 Datasheet
42Kb / 1P
MaxiBridge Standardkabelkonfektionen
logo
PHOENIX CONTACT
1751736 PHOENIX-1751736 Datasheet
235Kb / 8P
ZFKDSA 1-V-3,81- 5 - PCB terminal block
More results

Similar Description - 1751707

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751697 PHOENIX-1751697 Datasheet
74Kb / 2P
Printed-circuit board connector - ZEC 1,0/ 4-LPV-3,5GY35AUC2CI1
11/04/2018
1792384 PHOENIX-1792384 Datasheet
77Kb / 3P
Printed-circuit board connector - ZEC 1,0/12-LPV-3,5 C2
11/04/2018
1915660 PHOENIX-1915660 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/ 3-LPV-3,5 C1
09/12/2020
1915686 PHOENIX-1915686 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/ 5-LPV-3,5 C1
09/12/2020
1915699 PHOENIX-1915699 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/ 6-LPV-3,5 C1
09/12/2020
1915709 PHOENIX-1915709 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/ 7-LPV-3,5 C1
09/12/2020
1915712 PHOENIX-1915712 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/ 8-LPV-3,5 C1
09/12/2020
1915725 PHOENIX-1915725 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/ 9-LPV-3,5 C1
09/12/2020
1915738 PHOENIX-1915738 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/10-LPV-3,5 C1
09/12/2020
1915754 PHOENIX-1915754 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/12-LPV-3,5 C1
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com