Electronic Components Datasheet Search
  English  ▼

X  

0804293 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804293
Description  FKICS 2,5/ 4-ST-5,08
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804293 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804293 Datasheet HTML 1Page - PHOENIX CONTACT 0804293 Datasheet HTML 2Page - PHOENIX CONTACT 0804293 Datasheet HTML 3Page - PHOENIX CONTACT 0804293 Datasheet HTML 4Page - PHOENIX CONTACT 0804293 Datasheet HTML 5Page - PHOENIX CONTACT 0804293 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Feb 4, 2011
Extract from the online
catalog
 
FKICS 2,5/ 4-ST-5,08
Order No.: 1981762
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1981762
 
 
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 4, Pitch: 5.08 mm, Color: green, Metal surface:
Sn
 
Commercial data
GTIN (EAN)
4
017918
972806
Note
Made-to-order
sales group
E131
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 224 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
02/26/2004
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5.08 mm
Dimension a
15.24 mm
Number of positions
4


Similar Part No. - 0804293

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804293 PHOENIX-0804293 Datasheet
143Kb / 6P
The illustration shows a combination as a 15-position version
0804293 PHOENIX-0804293 Datasheet
150Kb / 6P
The figure shows a 10-position version of the product
0804293 PHOENIX-0804293 Datasheet
180Kb / 13P
Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113
0804293 PHOENIX-0804293 Datasheet
141Kb / 5P
ZFKKDS 1,5-5,08
0804293 PHOENIX-0804293 Datasheet
142Kb / 6P
SMKDS 2,5/ 2-5,08
More results

Similar Description - 0804293

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1861250 PHOENIX-1861250 Datasheet
337Kb / 13P
FKCOR 2,5/ 4-ST-5,08
1757035 PHOENIX-1757035 Datasheet
148Kb / 7P
MSTB 2,5/ 4-ST-5,08
1792265 PHOENIX-1792265 Datasheet
176Kb / 7P
MVSTBR 2,5/ 4-ST-5,08
1792773 PHOENIX-1792773 Datasheet
156Kb / 7P
MVSTBW 2,5/ 4-ST-5,08
1786190 PHOENIX-1786190 Datasheet
146Kb / 7P
IC 2,5/ 4-ST-5,08
1780002 PHOENIX-1780002 Datasheet
148Kb / 7P
MSTBT 2,5/ 4-ST-5,08
1826306 PHOENIX-1826306 Datasheet
135Kb / 7P
SMSTB 2,5/ 4-ST-5,08
1860565 PHOENIX-1860565 Datasheet
275Kb / 12P
FKCOW 2,5/ 4-ST-5,08
1981759 PHOENIX-1981759 Datasheet
135Kb / 6P
FKICS 2,5/ 3-ST-5,08
1975095 PHOENIX-1975095 Datasheet
148Kb / 7P
FKCS 2,5/ 4-ST-5,08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com