Electronic Components Datasheet Search
  English  ▼

X  

MK3725STR Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK3725STR
Description  DUAL OUTPUT 3.3 VOLT VCXO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3725STR Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK3725STR Datasheet HTML 1Page - Integrated Circuit Systems MK3725STR Datasheet HTML 2Page - Integrated Circuit Systems MK3725STR Datasheet HTML 3Page - Integrated Circuit Systems MK3725STR Datasheet HTML 4Page - Integrated Circuit Systems MK3725STR Datasheet HTML 5Page - Integrated Circuit Systems MK3725STR Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DUAL OUTPUT 3.3 VOLT VCXO
MDS 3725 A
2
Revision 100803
Integrated Circuit System s
525 Race Street, S an Jose, CA 9 5126
tel (4 08) 29 7-12 01
www. i cst.com
MK3725
Pin Assignment
Pin Descriptions
X1
VD D
VIN
VD D
GND
CLK
CLK
X2
1
2
3
4
8
7
6
5
8 P i n (150 m il) SO I C
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
X1
Input
Crystal connection. Connect to a 12-18 MHz external pullable
crystal.
2
VDD
Power
Connect to +3.3 V.
3
VIN
Input
Voltage input to VCXO. Zero to 3.3 V analog input which controls
the oscillation frequency of the VCXO.
4
GND
Input
Connect to ground.
5
CLK
Output
VCXO clock output. 2x input frequency.
6
CLK
Output
VCXO clock output. 2x input frequency.
7
VDD
Power
Connect to +3.3 V.
8
X2
Output
Crystal connection. Connect to a 12-18 MHz external pullable
crystal.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com