Electronic Components Datasheet Search
  English  ▼

X  

EMBC-2000 Datasheet(PDF) 2 Page - Vecow Co., Ltd.

Part # EMBC-2000
Description  Supports DDR3L 1866MHz memory, up to 8GB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECOW [Vecow Co., Ltd.]
Direct Link  http://www.vecow.com
Logo VECOW - Vecow Co., Ltd.

EMBC-2000 Datasheet(HTML) 2 Page - Vecow Co., Ltd.

  EMBC-2000 Datasheet HTML 1Page - Vecow Co., Ltd. EMBC-2000 Datasheet HTML 2Page - Vecow Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Order Information
Dimensions
Top View
Unit : mm/ inch
5.0 (0.20”)
141.0 (5.55”)
146.0 (5.75”)
Ø3.5 (Ø0.14”)
Ø7.2 (Ø0.28”)
VGA
USB 3.0
USB 2.0
Power Button
DDR3L SO-DIMM
2 x GPIO
Lockable HDMI
2 x Mini PCIe
Expansion Slot
SIM
LAN
2 x SATA
USB 2.0
SATA Power
LVDS Signal
DC-in
EMBC-2000
EMBC-2000 SBC, Intel Atom
® x7-E3950, 2 GigE LAN, 4 COM w/2 Isolated, 6 USB, 16 GPIO, 2 Mini PCIe
61-13Q1009-0DA
COM Port Cable
61-193102U-156
USB 2.0 Cable
61-13T10LM-3CG
Audio Cable
61-13B0707-386
SATA Data Cable
61-13P0430-08A
SATA Power Cable
61-13S33KM-3CG
KB/MS Cable
WPM-101
Wide-Range 9V to 36V DC-in Power Module
EMBC-2000 Heat Spreader
EMBC-2000 Heat Spreader
EMBC-2000-20190219
* The rights of all brand names, product names and trademarks belong to their respective owners.
Copyright © 2019 Vecow Co., Ltd. All rights reserved.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com