Electronic Components Datasheet Search
  English  ▼

X  

SR45UBWD Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SR45UBWD
Description  45U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors & side panels
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR45UBWD Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SR45UBWD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR45UBWD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR45UBWD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SR45UBWD Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
can be secured by adjusting the preinstalled levelers. Note: the casters are intended for minor position
adjustments and are not designed for moving the enclosure over long distances.
The SR45UBWD comes with a 5-year product warranty. As part of the SmartRack family, the SR45UBWD
is compatible with Tripp Lite’s extensive range of rackmount accessories, enabling you to customize your
solution to meet any requirement.
Features
Ships fully assembled for rapid deployment and roll into place on pre-installed casters that support a
rolling load of 2250 lbs, allowing the enclosure to be pre-configured and rolled to the final installation
location. (casters are removable.)
q
Front and rear sets of equipment mounting rails adjust in 1/4" increments. Adjustment is quick and
convenient. The easy-view depth index ensures consistent rail placement without requiring time-
consuming measurements.
q
Toolless accessory mounting rails (2 rails per enclosure) include slots for quick installation of compatible
PDUs and vertical cable managers. Mounting slots are arranged in an industry-standard pattern
compatible with a wide variety of accessories. Each rail can accommodate two vertical PDUs or cable
managers side-by-side (four items per enclosure).
q
Enclosure includes mounting hardware of 50 pieces of M6 cage nuts and 50 pieces of M6 screws
q
Textured powder coat finish for tough resistance to environmental concerns such as deployment in
warehouses.
q
Massive front to rear ventilation capacity. 65+% open space in door perforation pattern meets or
exceeds server manufacturer requirements.
q
Maximum usable internal depth of 37 inches/94 cm (front to rear rail).
q
Weight ratings of 3000 lb stationary and 2250 lb rolling.
q
Front door is locking, reversible and removable.
q
Rear doors are locking and reversible. Split rear door design reduces clearance requirements for
service entry allowing the enclosure to be placed closer to a wall.
q
Locking removable side panels are 'half size' to make them smaller and lighter improving ease of
installation and servicing. Two side panels per side (4 panels total). Side panels are keyed alike to the
front and rear doors.
q
Built in baying tabs allow enclosures to be combined securely in rows. Center-to-center width can be set
at 750mm or 30".
q
Leveling feet extend to allow enclosure to be positioned on uneven floors. Levelers are removable.
q
Convenient grounding system. All components are grounded to the enclosure frame which includes
multiple connections for facility ground. Front and rear doors include quick-release ground wires.
q
Open bottom for cable access.
q
Top panel has generous cable access holes. Panel can be removed toollessly in seconds without
having to disconnect cables first.
q
Included stabilizing brackets are used for shipment and can be reattached at the bottom of the
q
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com