Electronic Components Datasheet Search
  English  ▼

X  

MBR60100 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # MBR60100
Description  SCHOTTKY DIODES STUD TYPE 60 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

MBR60100 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  MBR60100 Datasheet HTML 1Page - TRANSYS Electronics Limited MBR60100 Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
High Surge Capability
Types up to100V
Maximum Ratings
Operating Temperature: -65 C to +150
Storage Temperature: -65 C to +175
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
Electrical Characteristics @ 25
Unless Otherwise Specified
Average Forward
Current
IF(AV)
60A
T
C =100
Peak Forward Surge
Current
IFSM
700A
8.3ms , half sine
Maximum
Instantaneous
Forward Voltage
VF
IR
mA
TJ = 25
T
= 25
V RRM
Maximum Thermal
Resistance,Junction
To Case
R jc
C/W
0.65V
I FM =60 A
DO-5
DO-5
M
M
N
N
B
B
C
C
J
J
P
P
F
F
G
G
D
D
E
E
A
A
K
K
Notes:
1.Standard Polarity:Stud is Cathode
2.Reverse Polarity:Stud is Anode
MBR6030(R)
MBR6020(R)
MBR6035(R)
20V
30V
35V
14V
21V
25V
20V
30V
35V
mA
5.0
150
1.0
TJ = 125
0.75V
0.84V
; j
(MBR6020~MBR6045)
(MBR6060)
(MBR6080~MBR60100)
MBR6040(R)
MBR6045(R)
MBR6060(R)
MBR6080(R)
MBR60100(R)
40V
45V
60V
80V
100V
28V
32V
42V
50V
70V
40V
45V
60V
80V
100V
SCHOTTKY DIODES STUD TYPE 60 A
MBR6020(R)
THRU
MBR60100(R)
60Amp Rectifier
20-100 Volts
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
¼ 1/4 -28 Threads
Standard
Polarity
B
.669
.687
17.19
17.44
C
-----
.794
-----
20.16
D
-----
1.020
-----
25.91
E
.422
.453
10.72
11. 50
F
.115
.200
2.93
5.08
G
-----
.460
-----
11.68
H
.
.
J
-----
.375
-----
9.52
K
.156
-----
3.96
-----
M
-----
.667
-----
16.94
N
-----
.080
-----
2.03
P
.140
.175
3.56
4.45
-----
-----
-----
-----
Pulse Test: Pulse Width 300 usec,Duty Cycle
2%
NOTE :
(1)
<
NOTE (1)
Voltage
Maximum
Instantaneous
Reverse Current At
Rated DC Blocking
NOTE (1)
Mounting torque
Mounting torque
Not lubricated
threads
23~34
Kgf-cm
Transys
Electronics
LI M ITE D


Similar Part No. - MBR60100

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
MBR60100 NAINA-MBR60100 Datasheet
123Kb / 2P
Schottky Power Diode, 60A
logo
New Jersey Semi-Conduct...
MBR60100 NJSEMI-MBR60100 Datasheet
81Kb / 1P
SCHOTTKY DIODES STUD TYPE 60A
logo
Vishay Siliconix
MBR60100CT VISHAY-MBR60100CT Datasheet
79Kb / 2P
Dual High-Voltage Schottky Rectifiers
10-May-04
logo
Sirectifier Global Corp...
MBR60100CT SIRECT-MBR60100CT Datasheet
147Kb / 4P
Power Schottky Rectifier - 60Amp 100Volt
logo
America Semiconductor, ...
MBR60100CT AMERICASEMI-MBR60100CT Datasheet
599Kb / 2P
HIGH POWER -SCHOTTKY RECTIFIERS
More results

Similar Description - MBR60100

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1N5826 TEL-1N5826 Datasheet
118Kb / 2P
SCHOTTKY DIODES STUD TYPE 15 A
MBR8020 TEL-MBR8020 Datasheet
122Kb / 2P
SCHOTTKY DIODES STUD TYPE 80 A
1N5829 TEL-1N5829 Datasheet
141Kb / 2P
SCHOTTKY DIODES STUD TYPE 25 A
1N5832 TEL-1N5832 Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 40 A
1N6097 TEL-1N6097 Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 50 A
MBR3520 TEL-MBR3520 Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 35 A
MBR7520 TEL-MBR7520 Datasheet
123Kb / 2P
SCHOTTKY DIODES STUD TYPE 75 A
SD41 TEL-SD41 Datasheet
118Kb / 2P
SCHOTTKY DIODES STUD TYPE 30 A
SD51 TEL-SD51 Datasheet
117Kb / 2P
SCHOTTKY DIODES STUD TYPE 60 A
logo
New Jersey Semi-Conduct...
MBR6020 NJSEMI-MBR6020 Datasheet
81Kb / 1P
SCHOTTKY DIODES STUD TYPE 60A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com