Electronic Components Datasheet Search
  English  ▼

X  

NJU7602 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU7602
Description  PWM control Step-Up / Flyback switching regulator IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7602 Datasheet(HTML) 7 Page - New Japan Radio

  NJU7602 Datasheet HTML 1Page - New Japan Radio NJU7602 Datasheet HTML 2Page - New Japan Radio NJU7602 Datasheet HTML 3Page - New Japan Radio NJU7602 Datasheet HTML 4Page - New Japan Radio NJU7602 Datasheet HTML 5Page - New Japan Radio NJU7602 Datasheet HTML 6Page - New Japan Radio NJU7602 Datasheet HTML 7Page - New Japan Radio NJU7602 Datasheet HTML 8Page - New Japan Radio NJU7602 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NJU7600
-7-
Ver.2005-03-01
■TYPICAL CHARACTERISTICS
(V
+=3.3V, Gain=40dB, Ta=25oC)
0
15
30
45
60
0
45
90
135
180
0.1
1
10
100
1000
10000
Error Amplifier Block
Voltage Gain, Phase vs. Frequency
Frequency f (kHz)
Phase
Gain
0
2
4
6
8
10
12
14
-50
-25
0
25
50
75
100 125
Ambient Temperature Ta (
oC)
Output Block
Output High Level ON Resistance
vs. Temperature (Io=-20mA)
V+=3.3V
V+=1.95V
V+=8V
0
2
4
6
8
10
12
14
-50
-25
0
25
50
75
100 125
Ambient Temperature Ta (
oC)
Output Block
Output Low Level ON Resistance
vs. Temperature (Io=+20mA)
V+=3.3V
V+=1.95V
V+=8V
1
10
100
1000
-50
-25
0
25
50
75
100 125
Ambient Temperature Ta (
oC)
Error Amplifier Block
Output Source Current vs. Temperature
(V
FB
=1V, V
IN-
=0.9V)
V+=3.3V
V+=1.95V
V+=8V
0
0.05
0.1
0.15
0.2
-50
-25
0
25
50
75
100 125
Ambient Temperature Ta (
oC)
Error Amplifier Block
Output Sink Current vs. Temperature
(V
FB=1V, VIN-=1.1V)
V+=1.95V, 3.3V, 8V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com