Electronic Components Datasheet Search
  English  ▼

X  

2265050 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2265050
Description  Plug-in card block - SKBI 64/D32
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2265050 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2265050 Datasheet HTML 1Page - PHOENIX CONTACT 2265050 Datasheet HTML 2Page - PHOENIX CONTACT 2265050 Datasheet HTML 3Page - PHOENIX CONTACT 2265050 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/2265050
08/28/2014   Page 1 / 4
Plug-in card block - SKBI 64/D32 - 2265050
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug-in card block, Nominal current: 4 A, Number of positions: 32, Pitch: 5.08 mm, Connection method: Screw
connection, Color: green
 
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
258.3 GRM
Custom tariff number
85369010
Country of origin
Germany
Technical data
Dimensions
Length
66 mm
Height
162 mm
Width
118 mm
Pitch
5.08 mm
Hole diameter
4.2 mm
General
Range of articles
SKBI 64
Connection in acc. with standard
EN-VDE
Nominal current IN
4 A
Nominal voltage UN
250 V (surge voltage category III/contamination class 2)
Nominal cross section
2.5 mm²
Stripping length
8 mm
Screw thread
M3


Similar Part No. - 2265050

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
22650517 HUBERSUHNER-22650517 Datasheet
589Kb / 2P
COAXIAL CONNECTOR, 7/16, 50 Ohm, Straight bulkhead cable jack (female)
22650532 HUBERSUHNER-22650532 Datasheet
387Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight bulkhead cable jack (female)
22650536 HUBERSUHNER-22650536 Datasheet
155Kb / 2P
COAXIAL CONNECTOR, SMB, 50 Ohm, Straight cable plug (male)
22650545 HUBERSUHNER-22650545 Datasheet
277Kb / 2P
COAXIAL CONNECTOR, SMA, 50 Ohm, Right angle cable plug (male)
22650546 HUBERSUHNER-22650546 Datasheet
277Kb / 2P
COAXIAL CONNECTOR, SMA, 50 Ohm, Right angle cable plug (male)
More results

Similar Description - 2265050

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2261054 PHOENIX-2261054 Datasheet
99Kb / 5P
Plug-in card block - SKBI 32/D
2263036 PHOENIX-2263036 Datasheet
105Kb / 5P
Plug-in card block - SKBI 64/C64
2263117 PHOENIX-2263117 Datasheet
83Kb / 3P
Plug-in card block - SKBI 64/G64
2264080 PHOENIX-2264080 Datasheet
130Kb / 4P
SKBI 64/E48
2264093 PHOENIX-2264093 Datasheet
81Kb / 3P
Plug-in card block - SKBI 64/F48
2265034 PHOENIX-2265034 Datasheet
330Kb / 4P
Plug-in card block - SKBI 64/C32
5027732 PHOENIX-5027732 Datasheet
54Kb / 3P
Plug-in card block - SKBI 32/FLL FUEHRUNGSLEISTE
5027745 PHOENIX-5027745 Datasheet
53Kb / 3P
Plug-in card block - SKBI 32/FLR FUEHRUNGSLEISTE
2269140 PHOENIX-2269140 Datasheet
318Kb / 4P
Plug-in card block - SKBI 64/H15-MKDS3
2269153 PHOENIX-2269153 Datasheet
309Kb / 4P
Plug-in card block - SKBI 64/H15-MKDS5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com