Electronic Components Datasheet Search
  English  ▼

X  

PCK3807AD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK3807AD
Description  1:10 LVTTL clock distribution device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK3807AD Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK3807AD Datasheet HTML 1Page - NXP Semiconductors PCK3807AD Datasheet HTML 2Page - NXP Semiconductors PCK3807AD Datasheet HTML 3Page - NXP Semiconductors PCK3807AD Datasheet HTML 4Page - NXP Semiconductors PCK3807AD Datasheet HTML 5Page - NXP Semiconductors PCK3807AD Datasheet HTML 6Page - NXP Semiconductors PCK3807AD Datasheet HTML 7Page - NXP Semiconductors PCK3807AD Datasheet HTML 8Page - NXP Semiconductors PCK3807AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Philips Semiconductors
Product data sheet
PCK3807A
1:10 LVTTL clock distribution device
2
2004 Aug 27
DESCRIPTION
This low skew clock driver offers 1:10 fan-out. The large fan out from
a single input reduces loading on the preceding driver and provides
an efficient clock distribution network. The PCK3807A offers low
capacitance inputs with hysteresis for improved noise margins.
Multiple power and grounds reduce noise. Typical applications are
clock and signal distribution.
The PCK3807A operates from a single 2.5 V or 3.3 V supply voltage
and over the full industrial temperature range of –40
°C to +85 °C.
FEATURES
• Low output skew < 120 ps (max)
• Very low duty cycle distortion < 200 ps (max) for V
CC = 2.5 V
• High speed: propagation delay < 3.5 ns (max)
• Very low CMOS power levels
• TTL compatible inputs and outputs
• 1:10 fanout
• Maximum output rise and fall times < 1.5 ns
• Low input capacitance: 2.5 pF typical
• V
CC = 2.3 V to 3.6 V
• Overvoltage tolerance on inputs
• Available in SSOP, TSSOP, SO and QSOP packages
• >150 MHz operation
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
20-Pin Plastic SO
–40
°C to +85 °C
PCK3807AD
SOT163-1
20-Pin Plastic SSOP
–40
°C to +85 °C
PCK3807ADB
SOT339-1
20-Pin Plastic TSSOP
–40
°C to +85 °C
PCK3807APW
SOT360-1
20-Pin Plastic SSOP (QSOP)
–40
°C to +85 °C
PCK3807ADS
SOT724-1
FUNCTIONAL BLOCK DIAGRAM
SW00985
O1
O2
O3
O4
O5
O6
O7
O8
O9
O10
IN
PIN CONFIGURATION
SW00986
GND
O5
IN
O1
O2
O3
O4
O10
O9
O8
O7
O6
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
GND
GND
GND
GND
VCC
VCC
VCC
VCC
PIN DESCRIPTION
Symbol
Pin
Description
IN
1
Clock input
O1 to O10
3, 5, 7, 9, 11, 12,
14, 16, 18, 19
Clock outputs
GND
2, 10, 13, 17
Ground
VCC
20
Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com