Electronic Components Datasheet Search
  English  ▼

X  

PTH03060WAD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTH03060WAD
Description  10-A, 3.3-V Input Non-Isolated Step-Down Switching Power Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH03060WAD Datasheet(HTML) 3 Page - Texas Instruments

  PTH03060WAD Datasheet HTML 1Page - Texas Instruments PTH03060WAD Datasheet HTML 2Page - Texas Instruments PTH03060WAD Datasheet HTML 3Page - Texas Instruments PTH03060WAD Datasheet HTML 4Page - Texas Instruments PTH03060WAD Datasheet HTML 5Page - Texas Instruments PTH03060WAD Datasheet HTML 6Page - Texas Instruments PTH03060WAD Datasheet HTML 7Page - Texas Instruments PTH03060WAD Datasheet HTML 8Page - Texas Instruments PTH03060WAD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
For technical support and further information visit http://power.ti.com
Environmental & Absolute Maximum Ratings (Voltages are with respect to GND)
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Track Input Voltage
Vtrack
–0.3
—
Vin + 0.3
V
Operating Temperature Range
Ta
Over Vin Range
–40 (i)
—
85°C
Solder Reflow Temperature
Treflow
Surface temperature of module body or pins
235 (ii)
°C
Storage Temperature
Ts
—
–40
—
125°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
—500
—G’s
1 msec, ½ Sine, mounted
Mechanical Vibration
Mil-STD-883D, Method 2007.2
—20
—
G’s
20-2000 Hz
Weight
—
—
3.7
—
grams
Flammability
—
Meets UL 94V-O
Notes:
(i) For operation below 0 °C the external capacitors must bave stable characteristics. use either a low ESR tantalum, Os-Con, or ceramic capacitor.
(ii) During reflow of SMD package version do not elevate peak temperature of the module, pins or internal components above the stated maximum.
PTH03060W —3.3 V Input
10-A, 3.3-V Input Non-Isolated
Step-Down Switching Power Module
SLTS215B – MAY 2003 – REVISED DECEMBER 2003
Specifications (Unless otherwise stated, T
a =25 °C, Vin =3.3 V, Vo =2 V, Cin =330 µF, Cout =0 µF, and Io =Iomax)
PTH03060W
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
0.8 V
≤ V
o ≤ 2.5 V,
60 °C, 200 LFM airflow
0
—
10 (1)
A
25 °C, natural convection
0
—
10 (1)
Input Voltage Range
Vin
Over Io range
2.95 (2)
—
3.65V
Set-Point Voltage Tolerance
Vo tol
—
—
±2 (3)
%Vo
Temperature Variation
∆Reg
temp
–40 °C <Ta < +85 °C
—
±0.5
—
%Vo
Line Regulation
∆Reg
line
Over Vin range
—
±10
—
mV
Load Regulation
∆Reg
load
Over Io range
—
±12
—
mV
Total Output Variation
∆Reg
tot
Includes set-point, line, load,
——±3 (3)
%Vo
–40 °C
≤ T
a ≤ +85 °C
Efficiency
η
Io =7 A
RSET = 2.21 kΩ Vo = 2.5 V
—
93
—
RSET = 4.12 kΩ Vo = 2.0 V
—
92
—
RSET = 5.49 kΩ Vo = 1.8 V
—
91
—
%
RSET = 8.87 kΩ Vo = 1.5 V
—
89
—
RSET = 17.4 kΩ Vo = 1.2 V
—
87
—
RSET = 36.5 kΩ Vo = 1.0 V
—
85—
Vo Ripple (pk-pk)
Vr
20 MHz bandwidth
—
25—
mVpp
Over-Current Threshold
Io trip
Reset, followed by auto-recovery
—
20
—
A
Transient Response
1 A/µs load step, 50 to 100 % Iomax,
Cout =330 µF
ttr
Recovery Time
—
70
—
µSec
∆V
tr
Vo over/undershoot
—
100
—
mV
Margin Up/Down Adjust
∆V
o margin
—
± 5—
%
Margin Input Current (pins 9 /10)
IIL margin
Pin to GND
—
– 8 (4)
—µA
Track Input Current (pin 8)
IIL track
Pin to GND
—
—
–130 (5)
µA
Track Slew Rate Capability
dVtrack/dt
Cout ≤ Cout(max)
—
—
1
V/ms
Under-Voltage Lockout
UVLO
Vin increasing
—
2.452.8
V
Vin decreasing
2.2
2.40
—
Inhibit Control (pin3)
Referenced to GND
Input High Voltage
VIH
Vin –0.5—
Open (5)
V
Input Low Voltage
VIL
–0.2
—
0.6
Input Low Current
IIL inhibit
Pin to GND
—
–130
—
µA
Input Standby Current
Iin inh
Inhibit (pin 3) to GND, Track (pin 8) open
—
10
—
mA
Switching Frequency
ƒs
Over Vin and Io ranges
275 300
325kHz
External Input Capacitance
Cin
330 (6)
——µF
External Output Capacitance
Cout
Capacitance value
non-ceramic
0
330
(7)
5,500 (8)
µF
ceramic
0
—
300
Equiv. series resistance (non-ceramic)
4
(9)
——m
Ω
Reliability
MTBF
Per Bellcore TR-332
5.7
—
—
106 Hrs
50 % stress, Ta =40 °C, ground benign
Notes: (1) See SOA curves or consult factory for appropriate derating.
(2) The minimum input voltage is equal to 2.95 V or Vout + 0.5 V, whichever is greater.
(3) The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a tolerance of 1 %
with 100 ppm/°C or better temperature stability.
(4) A small low-leakage (<100 nA) MOSFET is recommended to control this pin. The open-circuit voltage is less than 1 Vdc.
(5) This control pin has an internal pull-up to the input voltage Vin. If it is left open-circuit the module will operate when input power is applied. A small
low-leakage (<100 nA) MOSFET is recommended for control. For further information, consult the related application note.
(6) A 330 µF input capacitor is required for proper operation. The capacitor must be rated for a minimum of 500 mA rms of ripple current.
(7) An external output capacitor is not required for basic operation. Adding 330 µF of distributed capacitance at the load will improve the transient response.
(8) This is the calculated maximum. The minimum ESR limitation will often result in a lower value. Consult the application notes for further guidance.
(9) This is the typcial ESR for all the electrolytic (non-ceramic) output capacitance. Use 7 m
Ω as the minimum when using max-ESR values to calculate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com