Electronic Components Datasheet Search
  English  ▼

X  

SLC90E66 Datasheet(PDF) 21 Page - SMSC Corporation

Part # SLC90E66
Description  Victory66 Enhanced PCI South Bridge with Ultra ATA/66 IDE Controller
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

SLC90E66 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button SLC90E66 Datasheet HTML 17Page - SMSC Corporation SLC90E66 Datasheet HTML 18Page - SMSC Corporation SLC90E66 Datasheet HTML 19Page - SMSC Corporation SLC90E66 Datasheet HTML 20Page - SMSC Corporation SLC90E66 Datasheet HTML 21Page - SMSC Corporation SLC90E66 Datasheet HTML 22Page - SMSC Corporation SLC90E66 Datasheet HTML 23Page - SMSC Corporation SLC90E66 Datasheet HTML 24Page - SMSC Corporation SLC90E66 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 257 page
background image
SMSC DS – SLC90E66
Page 21
Rev. 07/10/2002
NAME
TYPE
DESCRIPTION
IOCHRDY
I/O
I/O CHANNEL READY. When asserted, the signal indicates that wait states are
required to complete the cycle. This signal is normally high. IOCHRDY is an input when
the SLC90E66 owns the ISA Bus and the CPU or a PCI agent is accessing an ISA slave,
or during DMA transfers. It becomes an output when an external ISA master owns the
ISA Bus and is accessing DRAM or a SLC90E66 register. As an output, the signal is
driven low (negated) from the falling edge of the ISA commands by the SLC90E66. After
data is available for an ISA master read or the SLC90E66 latches the data for a write
cycle, IOCHRDY is asserted for 70ns. After 70 ns, IOCHRDY is floated. The 70 ns
includes both the drive time and the time it takes the SLC90E66 to float IOCHRDY. The
SLC90E66 does not drive the signal when it is not the target of a bus master cycle.
During Reset: High-Z
After Reset: High-Z
During POS: High-Z
nIOCS16
I
16-BIT I/O CHIP SELECT. This signal is driven by ISA resources to indicate that the ISA
I/O device supports 16-bit I/O bus cycles.
nIOR
I/O
I/O READ. nIOR is the command to an ISA I/O device to indicate that the slave may
drive data on SD[15-0]. The I/O device must hold the data valid until after nIOR is
negated. nIOR is an output when the SLC90E66 owns the ISA Bus. nIOR is an input
when an external ISA master owns the ISA Bus.
During Reset: High-Z
After Reset: High
During POS: High
nIOW
I/O
IO/ WRITE. nIOW is the command to an ISA I/O device indicating that the I/O device
may latch data from the ISA data bus (SD[15-0]). nIOW is an output when the
SLC90E66 owns the ISA Bus. nIOW is an input when an external ISA master owns the
ISA bus.
During Reset: High-Z
After Reset: High
During POS: High
nMEMCS16
I/O
MEMORY CHIP SELECT 16. nMEMCS16 is a decode of LA[23-17] without any
qualification of the command signals. ISA devices that are 16-bit memory devices assert
this signal. The SLC90E66 ignores nMEMCS16 during I/O and refresh cycles. It is used
by byte-swap logic during DMA cycles. This signal is an input when the SLC90E66
owns the ISA Bus. This signal is an output when an ISA master owns the ISA Bus. The
SLC90E66 drives this signal low during ISA master to PCI memory cycles.
During Reset: High-Z
After Reset: High-Z
During POS: High-Z
nZEROWS
I
ZERO WAIT STATES. The signal is asserted by an ISA slave after the address and
command signals are decoded to indicate that the current cycle can be shortened. A 16-
Bit ISA memory cycle can be reduced to two SYSCLKs. An 8-Bit memory or I/O cycle
can be reduced to three SYSCLKs. nZEROWS has no effect on 16-Bit I/O cycles.
If IOCHRDY is negated and nZEROWS is asserted during the same clock, then
nZEROWS is ignored and wait states are added while IOCHRDY is negated.
RSTDRV
O
RESET DRIVE. The SLC90E66 asserts RSTDRV to reset devices that reside on the
ISA/EIO bus. The SLC90E66 asserts the signal during hard reset and during power-up.
RSTDRV is asserted during power-up and negated after PWROK is driven active. It is
also driven active for a minimum of 1ms if a hard reset has been programmed in the RC
register.
During Reset: High
After Reset: Low
During POS: Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com