Electronic Components Datasheet Search
  English  ▼

X  

2SC4501S Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SC4501S
Description  Silicon NPN Epitaxial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4501S Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SC4501S Datasheet HTML 1Page - Hitachi Semiconductor 2SC4501S Datasheet HTML 2Page - Hitachi Semiconductor 2SC4501S Datasheet HTML 3Page - Hitachi Semiconductor 2SC4501S Datasheet HTML 4Page - Hitachi Semiconductor 2SC4501S Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC4501(L)/(S)
3
0
50
150
100
Case Temperature TC (°C)
Maximum Collector Dissipation Curve
4
8
12
0.01
0.03
0.1
0.3
1.0
10
3
Collector to emitter Voltage VCE (V)
1
3
10
30
100
Area of Safe Operation
IC (max)
iC (peak)
Ta = 25
°C
1 Shot Pulse
PW =
10 ms
DC
Operation
(T
C
=
25
°C)
0.4
0.8
1.2
1.6
2.0
Collector to emitter Voltage VCE (V)
0
12345
Typical Output Characteristics
Ta = 25
°C
IB = 0
10
µA
20
30
40
50
60
70
80
90
100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com