Electronic Components Datasheet Search
  English  ▼

X  

UPD16875 Datasheet(PDF) 13 Page - NEC

Part # UPD16875
Description  DUAL Pch HIGH-SIDE SWITCH FOR USB
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16875 Datasheet(HTML) 13 Page - NEC

Back Button UPD16875 Datasheet HTML 9Page - NEC UPD16875 Datasheet HTML 10Page - NEC UPD16875 Datasheet HTML 11Page - NEC UPD16875 Datasheet HTML 12Page - NEC UPD16875 Datasheet HTML 13Page - NEC UPD16875 Datasheet HTML 14Page - NEC UPD16875 Datasheet HTML 15Page - NEC UPD16875 Datasheet HTML 16Page - NEC UPD16875 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet S13895EJ1V0DS
13
µµµµPD16875
MAJOR CHARACTERISTIC CURVES (Unless otherwise specified, TA = 25
°°°°C, VIN = 5 V)
1.80
1.70
1.60
1.50
1.40
1.30
Input Voltage VI vs. Ambient Temperature TA
Input Voltage VI vs. Supply Voltage VIN
Overcurrent Threshold ITH vs. Ambient Temperature TA
Overcurrent Threshold ITH vs. Supply Voltage VIN
Ambient temperature TA (˚C)
−20
0
204060
80
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
Ambient temperature TA (˚C)
−20
0
204060
80
Time ( s)
1
03
24
1.70
1.65
1.60
1.55
1.50
Supply voltage (V)
3.5
4.0
4.5
5.0
5.5
6.0
6.5
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
Supply voltage (V)
3.5
4.0
4.5
5.0
5.5
6.0
6.5
0
0.4
0.8
1.2
Output Rise Delay Time Characteristics
6
5
4
3
2
1
0
Ambient temperature TA (˚C)
−20
20
060
40
80
Undervoltage Lockout Circuit Operating Voltage Characteristics
50
40
30
20
10
00
Time ( s)
Output Fall Delay Time Characteristics
VIH
VIH
VIL
VIL
UVLO (L H)
UVLO (H L)
Input voltage
Output voltage
Output voltage
6
5
4
3
2
1
0
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com