Electronic Components Datasheet Search
  English  ▼

X  

WM8771FT Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM8771FT
Description  24-bit, 192kHz 8-Channel Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8771FT Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM8771FT Datasheet HTML 1Page - Wolfson Microelectronics plc WM8771FT Datasheet HTML 2Page - Wolfson Microelectronics plc WM8771FT Datasheet HTML 3Page - Wolfson Microelectronics plc WM8771FT Datasheet HTML 4Page - Wolfson Microelectronics plc WM8771FT Datasheet HTML 5Page - Wolfson Microelectronics plc WM8771FT Datasheet HTML 6Page - Wolfson Microelectronics plc WM8771FT Datasheet HTML 7Page - Wolfson Microelectronics plc WM8771FT Datasheet HTML 8Page - Wolfson Microelectronics plc WM8771FT Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Product Preview
WM8771
w
PP Rev 2.0 December 2001
3
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
AIN1L
Analogue Input
Channel 1 left input multiplexor virtual ground
2
AIN1R
Analogue Input
Channel 1 right input multiplexor virtual ground
3
AIN2L
Analogue Input
Channel 2 left input multiplexor virtual ground
4
AIN2R
Analogue Input
Channel 2 right input multiplexor virtual ground
5
AIN3L
Analogue Input
Channel 3 left input multiplexor virtual ground
6
AIN3R
Analogue Input
Channel 3 right input multiplexor virtual ground
7
AIN4L
Analogue Input
Channel 4 left input multiplexor virtual ground
8
AIN4R
Analogue Input
Channel 4 right input multiplexor virtual ground
9
AIN5L
Analogue Input
Channel 5 left input multiplexor virtual ground
10
AIN5R
Analogue Input
Channel 5 right input multiplexor virtual ground
11
AIN6L
Analogue Input
Channel 6 left input multiplexor virtual ground
12
AIN6R
Analogue Input
Channel 6 right input multiplexor virtual ground
13
AIN7L
Analogue Input
Channel 7 left input multiplexor virtual ground
14
AIN7R
Analogue Input
Channel 7 right input multiplexor virtual ground
15
AIN8L
Analogue Input
Channel 8 left input multiplexor virtual ground
16
AIN8R
Analogue Input
Channel 8 right input multiplexor virtual ground
17
AINOPL
Analogue Output
Left channel multiplexor output
18
AINVGL
Analogue Input
Left channel multiplexor virtual ground
19
AINVGR
Analogue Input
Right channel multiplexor virtual ground
20
AINOPR
Analogue Output
Right channel multiplexor output
21
REC1L
Analogue Output
Left channel input mux select output 1
22
REC1R
Analogue Output
Right channel input mux select output 1
23
REFADC
Analogue Output
ADC reference buffer decoupling pin; 10uF external decoupling
24
VMIDADC
Analogue Output
ADC midrail divider decoupling pin; 10uF external decoupling
25
AGND1
Supply
Analogue negative supply and substrate connection
26
AVDD1
Supply
Analogue positive supply
27
NC
No Connect
28
NC
No Connect
29
REC2L
Analogue Output
Left channel input mux select output 2
30
REC2R
Analogue Output
Right channel input mux select output 2
31
REC3L
Analogue Output
Left channel input mux select output 3
32
REC3R
Analogue Output
Right channel input mux select output 3
33
AVDD2
Supply
Analogue positive supply
34
VOUT1L
Analogue output
DAC channel 1 left output
35
VOUT1R
Analogue output
DAC channel 1 right output
36
DACREFP1
Supply
DAC positive reference supply
37
VOUT2L
Analogue output
DAC channel 2 left output
38
GR1
Supply
DAC ground reference
39
VOUT2R
Analogue output
DAC channel 2 right output
40
VMIDDAC
Analogue output
DAC midrail decoupling pin ; 10uF external decoupling
41
VOUT3L
Analogue output
DAC channel 3 left output
42
GR2
Supply
DAC ground reference
43
VOUT3R
Analogue output
DAC channel 3 right output
44
DACREFP2
Supply
DAC positive reference supply
45
VOUT4L
Analogue output
DAC channel 4 left output
46
VOUT4R
Analogue output
DAC channel 4 right output
47
AGND2
Supply
Analogue negative supply and substrate connection
48
DGND
Supply
Digital negative supply
49
DVDD
Supply
Digital positive supply
50
ZFLAG1
Digital output
DAC Zero Flag output
51
ZFLAG2
Digital output
DAC Zero Flag output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com