Electronic Components Datasheet Search
  English  ▼

X  

AFE7921 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7921
Description  AFE79xx Quad-Channel RF Transceiver With Feedback Path
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE7921 Datasheet(HTML) 1 Page - Texas Instruments

  AFE7921 Datasheet HTML 1Page - Texas Instruments AFE7921 Datasheet HTML 2Page - Texas Instruments AFE7921 Datasheet HTML 3Page - Texas Instruments AFE7921 Datasheet HTML 4Page - Texas Instruments AFE7921 Datasheet HTML 5Page - Texas Instruments AFE7921 Datasheet HTML 6Page - Texas Instruments AFE7921 Datasheet HTML 7Page - Texas Instruments AFE7921 Datasheet HTML 8Page - Texas Instruments AFE7921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
AFE7920, AFE7921, AFE7988, AFE7989
SBAS971 – DECEMBER 2019
AFE79xx Quad-Channel RF Transceiver With Feedback Path
1
1 Features
1
•
Quad RF sampling 12-GSPS transmit DACs
•
Quad RF sampling 3-GSPS receive ADCs
•
Dual RF sampling 3-GSPS feedback ADCs
(AFE792x only)
•
Maximum RF signal bandwidth:
•
Digital Step Attenuators (DSA):
–
TX: 28 dB range, 1-dB analog and 0.125-dB
digital steps
–
RX: 25 dB range, 0.5-dB steps
–
FB: 25 dB range, 0.5-dB steps
•
Single or dual-band DUC/DDCs (AFE7920/88
only) for TX and RX
•
Dual NCOs for fast frequency switching
•
Supports TDD operation with fast switching
between TX and RX
•
Internal PLL/VCO to generate DAC/ADC clocks
•
Optional external CLK at DAC or ADC rate
•
SerDes data interface:
–
JESD204B and JESD204C compliant
–
8 SerDes transceivers up to 29.5 Gbps
–
8b/10b and 64b/66b encoding
–
12-bit, 16-bit, 24-bit and 32-bit resolution
–
Subclass 1 multi-device synchronization
•
Package: 17-mm × 17-mm FCBGA, 0.8-mm Pitch
2 Applications
•
Macro remote radio unit (RRU)
•
Active antenna system mMIMO (AAS)
•
Small cell base station
•
Repeater
•
Distributed Antenna Systems (DAS)
3 Description
The AFE79xx is a family of high performance, wide bandwidth multi-channel transceivers, integrating four RF
sampling transmitter chains, four RF sampling receiver chains and up to two RF sampling digitizing auxiliary
chains (feedback paths). The high dynamic range of the transmitter and receiver chains allows generating and
receiving 3G, 4G and 5G signals for wireless base stations, while the wide bandwidth capability of the AFE79xx
devices is designed for multi-band 4G and 5G base stations.
Each receiver chain includes a 25-dB range DSA (Digital Step Attenuator), followed by a 3-GSPS ADC (analog-
to-digital converter). Each receiver channel has an analog peak power detector and various digital power
detectors to assist an external or internal autonomous automatic gain controller, and RF overload detectors for
device reliability protection. The single or dual digital down converters (DDC) provide up to 600MHz of combined
signal BW. In TDD mode, the receiver channel can be configured to dynamically switch between the traffic
receiver (TDD RX) and wideband feedback receiver (TDD FB), with the capability of re-using the same analog
input for both purposes.
Each transmitter chain includes a single or dual digital up converters (DUCs) supporting up to 1200-MHz
combined signal bandwidth. The output of the DUCs drives a 12-GSPS DAC (digital to analog converter) with a
mixed mode output option to enhance 2nd or 3rd Nyquist operation. The DAC output includes a variable gain
amplifier (TX DSA) with 40-dB range and 1-dB analog and 0.125-dB digital steps.
The feedback path includes an 25-dB range DSA driving a 3-GSPS RF sampling ADC, followed by a DDC with
up to 1200-MHz bandwidth.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
AFE7989
FC-BGA
17.00 mm × 17.00 mm
AFE7920(2)
FC-BGA
17.00 mm × 17.00 mm
AFE7988(2)
FC-BGA
17.00 mm × 17.00 mm
AFE7921(2)
FC-BGA
17.00 mm × 17.00 mm
(1) For more information, see Mechanical, Packaging, and Orderable Information.
(2) Advanced Information


Similar Part No. - AFE7921

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7921 TI2-AFE7921 Datasheet
319Kb / 13P
AFE79xx Quad-Channel RF Transceiver With Feedback Path
REVISED JUNE 2020
AFE7921IABJ TI2-AFE7921IABJ Datasheet
319Kb / 13P
AFE79xx Quad-Channel RF Transceiver With Feedback Path
REVISED JUNE 2020
AFE7921IABJ.B TI2-AFE7921IABJ.B Datasheet
319Kb / 13P
AFE79xx Quad-Channel RF Transceiver With Feedback Path
REVISED JUNE 2020
More results

Similar Description - AFE7921

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7799 TI1-AFE7799 Datasheet
338Kb / 9P
Quad-Channel RF Transceiver With Feedback Path
AFE7769 TI1-AFE7769 Datasheet
341Kb / 9P
AFE7769 Quad-Channel RF Transceiver With Feedback Path
logo
Analog Devices
ADRV9026 AD-ADRV9026 Datasheet
2Mb / 118P
Integrated, Quad RF Transceiver with Observation Path
8/2020-Rev. A to Rev. B
ADRV9010 AD-ADRV9010 Datasheet
2Mb / 115P
Integrated, Quad RF Transceiver with Observation Path
Jan-2021
ADRV9029 AD-ADRV9029 Datasheet
2Mb / 133P
Integrated, Quad RF Transceiver with Observation Path
12/2020-Revision 0
logo
Texas Instruments
AFE8092 TI-AFE8092 Datasheet
902Kb / 12P
AFE8092 Octal-Channel RF Transceiver with Feedback Paths
AFE8030 TI-AFE8030 Datasheet
970Kb / 13P
AFE8030 Octal-Channel RF Transceiver with Feedback Paths
DECEMBER 2021
AFE8030 TI-AFE8030_V01 Datasheet
974Kb / 14P
AFE8030 Octal-Channel RF Transceiver with Feedback Paths
DECEMBER 2021
AFE8030 TI-AFE8030_V02 Datasheet
1Mb / 20P
AFE8030 Octal-Channel RF Transceiver with Feedback Paths
REVISED SEPTEMBER 2022
AFE7769D TI1-AFE7769D Datasheet
1Mb / 12P
AFE77xxD Quad-Channel RF Transceiver With Dual Feedback Paths Integrating CFR/DPD
JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com