Electronic Components Datasheet Search
  English  ▼

X  

74ALVC08BQ Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ALVC08BQ
Description  Quad 2-input AND gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC08BQ Datasheet(HTML) 4 Page - NXP Semiconductors

  74ALVC08BQ Datasheet HTML 1Page - NXP Semiconductors 74ALVC08BQ Datasheet HTML 2Page - NXP Semiconductors 74ALVC08BQ Datasheet HTML 3Page - NXP Semiconductors 74ALVC08BQ Datasheet HTML 4Page - NXP Semiconductors 74ALVC08BQ Datasheet HTML 5Page - NXP Semiconductors 74ALVC08BQ Datasheet HTML 6Page - NXP Semiconductors 74ALVC08BQ Datasheet HTML 7Page - NXP Semiconductors 74ALVC08BQ Datasheet HTML 8Page - NXP Semiconductors 74ALVC08BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2003 May 16
4
Philips Semiconductors
Product specification
Quad 2-input AND gate
74ALVC08
Fig.2 Pin configuration DHVQFN14.
handbook, halfpage
114
1A
VCC
7
2
3
4
5
6
1B
1Y
2A
2B
2Y
13
12
11
10
9
4B
4A
4Y
3B
3A
8
GND
3Y
MNA950
GND(1)
Top view
(1) The die substrate is attached to this pad using conductive die
attach material. It can not be used as a supply pin or input.
handbook, halfpage
MNA221
A
B
Y
Fig.3 Logic diagram (one gate).
handbook, halfpage
MNA222
1A
1B
1Y
2
1
3
2A
2B
2Y
5
4
6
3A
3B
3Y
10
9
8
4A
4B
4Y
13
12
11
Fig.4 Function diagram.
handbook, halfpage
MNA223
3
&
&
&
&
2
1
6
5
4
8
10
9
11
13
12
Fig.5 IEC logic symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com