Electronic Components Datasheet Search
  English  ▼

X  

WR302 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WR302
Description  DC/DC Converters 7.5 Watts WR Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WR302 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WR302 Datasheet HTML 1Page - List of Unclassifed Manufacturers WR302 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
•
•
2:1 Input Range
•
1500 VDC Isolation
•
Efficiency to 83%
•
Input
π Filter
•
Fully Regulated Outputs
•
24 Pin-Dip Package
Input
Input Voltage Range
•
12 V (9-18 VDC)
24 V (18-36 VDC)
48 V (36-72 VDC)
Input Filter
•
π Network
Output
Output Power
•
7.5 Watts
Output Voltage
•
5, 12 & 15 V single & dual output
models
Voltage Accuracy
•
±2.0% max
Line Regulation
•
±0.2% max, for 90% load change
Load Regulation
•
±0.5% max single output models,
±1.0% max dual output models,
for 75% load change
Ripple & Noise
•
100 mV peak to peak max
(20 MHz bandwidth)
Temperature
•
±0.05%/°C max
Coefficient
Short Circuit
•
Continuous
Protection
General
Switching
•
200 kHz typical
Frequency
Efficiency
•
See Table
Isolation
•
1500 VDC min input to output
(1000 M
Ω)
Dimensions
•
0.80” x 1.25” x 0.40”
Weight
•
18 g
Environmental
Operating
•
-25 °C to +71 °C
Temperature
Case Temperature
•
+100 °C max
Storage
•
-40 °C to +100 °C
Temperature
7.5 Watts
WR Series
DC/DC Converters
Specification
•
Intelligent Design Quality Product
XPiQ inc.
PH: 508 429.9883
FAX: 800 226.2100
Email: sales@xpiq.com
Holliston, MA 01746 USA
www.XPiQ.com
WR.qxd
24/6/03
10:56 am
Page 1


Similar Part No. - WR302

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WR302 XPPOWER-WR302 Datasheet
175Kb / 2P
DC-DC Power Supplies
More results

Similar Description - WR302

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM3500 ETC1-UM3500 Datasheet
96Kb / 2P
40 Watts DC-DC Converters
UM5100 ETC1-UM5100 Datasheet
232Kb / 2P
5-7.5 Watt SMD DC-DC Converters
JTA15 ETC1-JTA15 Datasheet
386Kb / 2P
15 Watts DC/DC Converters
logo
Murata Power Solutions ...
PWR1300AC MURATA-PS-PWR1300AC Datasheet
141Kb / 4P
1.5 Watts Unregulated DC/DC Converters
PWR5105C MURATA-PS-PWR5105C Datasheet
107Kb / 3P
9 WATTS REGULATED DC/DC CONVERTERS
logo
RSG Electronic Componen...
EC3B01 RSG-EC3B01 Datasheet
809Kb / 1P
7.5 WATT WIDE INPUT DC-DC CONVERTERS
EC3BB01 RSG-EC3BB01 Datasheet
822Kb / 1P
7.5 WATT WIDE INPUT DC-DC CONVERTERS
logo
Intronics Power, Inc.
DC900 INTRONICS-DC900 Datasheet
195Kb / 1P
7.5 WATT SINGLE OUTPUT DC-DC CONVERTERS
logo
Wall Industries,Inc.
DMW WALL-DMW Datasheet
161Kb / 6P
15.3 Watts DC/DC Converters
DCMUA15 WALL-DCMUA15 Datasheet
292Kb / 4P
15 Watts DC/DC Power Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com