Electronic Components Datasheet Search
  English  ▼

X  

WR303 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WR303
Description  DC/DC Converters 7.5 Watts WR Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WR303 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WR303 Datasheet HTML 1Page - List of Unclassifed Manufacturers WR303 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Details
(Bottom View)
Dimensions in inches (mm).
OUTPUT VOLTAGE & CURRENT RATINGS
WR
Input
Output
Output
Input Current(2)
Efficiency
Model
Voltage(1)
Voltage
Current
No Load
Full Load
Number
5 VDC
1500 mA
25 mA
801 mA
78%
WR201
12 VDC
625 mA
25 mA
762 mA
82%
WR202
9-18 VDC
15 VDC
500 mA
25 mA
762 mA
82%
WR203
±5 VDC
±750 mA
30 mA
791 mA
79%
WR204
±12 VDC
±310 mA
30 mA
753 mA
83%
WR205
±15 VDC
±250 mA
30 mA
753 mA
83%
WR206
5 VDC
1500 mA
20 mA
396 mA
79%
WR301
12 VDC
625 mA
20 mA
381 mA
82%
WR302
18-36 VDC
15 VDC
500 mA
20 mA
381 mA
82%
WR303
±5 VDC
±750 mA
25 mA
386 mA
81%
WR304
±12 VDC
±310 mA
25 mA
377 mA
83%
WR305
±15 VDC
±250 mA
25 mA
377 mA
83%
WR306
5 VDC
1500 mA
10 mA
195 mA
80%
WR401
12 VDC
625 mA
10 mA
190 mA
82%
WR402
36-72 VDC
15 VDC
500 mA
10 mA
190 mA
82%
WR403
±5 VDC
±750 mA
15 mA
193 mA
81%
WR404
±12 VDC
±310 mA
15 mA
188 mA
83%
WR405
±15 VDC
±250 mA
15 mA
188 mA
83%
WR406
PIN CONNECTIONS
Pin Single Output
Dual Output
2
– V Input
– V Input
3
– V Input
– V Input
9
N/C
Common
10
N/C
N/C
11
N/C
– V Output
14
+ V Output
+ V Output
15
N/C
N/C
16
– V Output
Common
22
+ V Input
+ V Input
23
+ V Input
+ V Input
1. Nominal input voltage is 12 VDC for WR2XX models, 24 VDC for WR3XX models and 48 VDC for WR4XX models.
2. Input current is at nominal input voltage.
3. Part numbers in bold are standard stock models, others are build to order.
Notes
PH: 508 429.9883
FAX: 800 226.2100
Email: sales@xpiq.com
Holliston, MA 01746 USA
www.XPiQ.com
WR.qxd
24/6/03
10:56 am
Page 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com