Electronic Components Datasheet Search
  English  ▼

X  

HCPL-7850 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HCPL-7850
Description  Hermetically Sealed Analog Isolation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7850 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7850 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7850 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7850 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-7850 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-7850 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-7850 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-7850 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-7850 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL-7850 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Applications Information
Functional Description
Figure 23 shows the primary
functional blocks of the HCPL-
7850. In operation, the sigma-
delta modulator converts the
analog input signal into a high-
speed serial bit stream. The time
average of this bit stream is
directly proportional to the input
signal. This stream of digital data
is encoded and optically
transmitted to the detector
circuit. The detected signal is
decoded and converted back into
an analog signal, which is filtered
to obtain the final output signal.
Figure 25. Single-Supply Post-Amplifier Circuit.
Figure 26. Top Layer of Printed
Circuit Board Layout.
Figure 27. Bottom Layer of a Printed
Circuit Board Layout.
Application Circuit
The recommended application
circuit is shown in Figure 24. A
floating power supply (which in
many applications could be the
same supply that is used to drive
the high-side power transistor) is
regulated to 5 V using a simple
three-terminal voltage regulator
(U1). The voltage from the
current sensing resistor, or shunt
(Rsense), is applied to the input
of the HCPL-7850 through an RC
anti-aliasing filter (R5, C3). And
finally, the differential output of
the isolation amplifier is
converted to a ground-referenced
single-ended output voltage with
a simple differential amplifier
circuit (U3 and associated
components). Although the
application circuit is relatively
simple, a few recommendations
should be followed to ensure
optimal performance.
Supplies and Bypassing
As mentioned above, an
inexpensive three-terminal
regulator can be used to reduce
the gate-drive power supply
voltage to 5 V. To help attenuate
high frequency power supply
noise or ripple, a resistor or
0.1 µF
+5 V
VOUT
8
7
6
1
3
U2
5
2
4
R1
10.0 K
+5 V
C8
0.1 µF
–
+
MC34071
R3
10.0 K
HCPL-7850
C4
R4B
20.0 K
C6
150 pF
U3
R4A
20.0 K
+5 V
C5
150 pF
R2
10.0 K
C3
C2
C4
R5
TO RSENSE+
TO RSENSE–
TO VDD1
TO VDD2
VOUT+
VOUT–
Figure 28. Operating Circuit for Burn-In and Steady State Life Tests.
1
2
3
4
8
7
6
5
VDD
VIN+
VIN–
GND
VDD
VOUT+
VOUT–
GND
+
–
+
–
27
Ω
27
Ω
1 k
1 k
1 k
1 k
(+)
(–)
VDD
5.5 VDC
0.1 µF
CONDITIONS: ICC=17.5mA
TA=+125˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com