Electronic Components Datasheet Search
  English  ▼

X  

P2042AF-08ST Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # P2042AF-08ST
Description  LCD Panel EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P2042AF-08ST Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  P2042AF-08ST Datasheet HTML 1Page - Alliance Semiconductor Corporation P2042AF-08ST Datasheet HTML 2Page - Alliance Semiconductor Corporation P2042AF-08ST Datasheet HTML 3Page - Alliance Semiconductor Corporation P2042AF-08ST Datasheet HTML 4Page - Alliance Semiconductor Corporation P2042AF-08ST Datasheet HTML 5Page - Alliance Semiconductor Corporation P2042AF-08ST Datasheet HTML 6Page - Alliance Semiconductor Corporation P2042AF-08ST Datasheet HTML 7Page - Alliance Semiconductor Corporation P2042AF-08ST Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
August 2005
P2042A
rev 1.3
Notice: The information in this document is subject to change without notice.
LCD Panel EMI Reduction IC
2 of 8
CP0
1
2
3
4
5
6
7
8
P2042A
CLKIN
CP1
VSS
SSON#
ModOUT
SR0
VDD
Pin Configuration
Pin Description
Pin#
Pin
Name
Type
Description
1
CLKIN
I
External reference frequency input. Connect to externally generated reference signal.
2
CP0
I
Digital logic input used to select charge pump current. This pin has an internal pull-up
resistor. Refer Modulation Selection Table.
3
CP1
I
Digital logic input used to select charge pump current. This pin has an internal pull-up
resistor. Refer Modulation Selection Table.
4
VSS
P
Ground to entire chip. Connect to system ground.
5
SSON#
I
Digital logic input used to enable Spread Spectrum function (Active LOW). Spread
Spectrum function enabled when LOW, disabled when HIGH.
This pin has an internal pull-low resistor.
6
ModOUT
O
Spread spectrum clock output.
7
SR0
I
Digital logic input used to select Spreading Range. This pin has an internal pull-up resistor.
8
VDD
P
Power supply for the entire chip
Modulation Selection
Spreading Range (±%)
CP0
CP1
SR0
32.5MHz
54MHz
65MHz
81MHz
108MHz
Modulation Rate
(KHz)
0
0
0
0.56
1.05
1.00
0.98
0.80
0
0
1
1.94
1.68
1.56
1.48
1.22
0
1
0
1.36
1.05
1.00
0.92
0.67
0
1
1
1.92
1.68
1.56
1.48
1.06
1
0
0
1.24
0.81
0.66
0.40
0.27
1
0
1
1.91
1.29
1.02
0.74
0.43
1
1
0
0.91
0.45
0.34
0.05
0.15
1
1
1
1.47
0.71
0.54
0.36
0.21
(FIN /40) * 62.49
KHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com