Electronic Components Datasheet Search
  English  ▼

X  

EMC5 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # EMC5
Description  Power management
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

EMC5 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  EMC5 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd EMC5 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd EMC5 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EMC5 / UMC5N / FMC5A
Transistors
Power management
(dual digital transistors)
EMC5 / UMC5N / FMC5A
Features
1) Both the DTA143X chip and DTC144E chip in a EMT
or UMT or SMT package.
2) Ideal for power switch circuits.
3) Mounting cost and area can be cut in half.
Structure
Epitaxial planar type
NPN / PNP silicon transistor (Built-in resistor type.)
Equivalent circuit
EMC5 / UMC5N
FMC5A
(3)
(2)
(1)
(3)
(4)
(5)
(4)
(5)
(2)
(1)
DTr1
DTr2
R1
R2
R1
R2
DTr1
DTr2
R1
R2
R1
R2
R1
=47k
Ω
DTr1
R2
=47k
Ω
R1
=4.7k
Ω
DTr2
R2
=10k
Ω
R1
=47k
Ω
DTr1
R2
=47k
Ω
R1
=4.7k
Ω
DTr2
R2
=10k
Ω
Packaging specifications
Package
Code
TR
T148
3000
3000
Taping
Basic ordering
unit (pieces)
UMC5N
T2R
8000
EMC5
FMC5A
Type
External dimensions (Units : mm)
ROHM : EMT5
EMC5
Each lead has same dimensions
ROHM : UMT5
EIAJ : SC-88A
UMC5N
Each lead has same dimensions
Abbreviated symbol : C5
Abbreviated symbol : C5
Abbreviated symbol : C5
Each lead has same dimensions
0.3to0.6
1.6
2.8
ROHM : SMT5
EIAJ : SC-74A
FMC5A
1.2
1.6
(1)
(2)
(3)
(5)
(4)
0.1Min.
2.1
1.25


Similar Part No. - EMC5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMC50DRAF ETC1-EMC50DRAF Datasheet
177Kb / 2P
.100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
EMC50DRAH ETC1-EMC50DRAH Datasheet
177Kb / 2P
.100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
EMC50DRAI ETC1-EMC50DRAI Datasheet
177Kb / 2P
.100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
EMC50DRAN ETC1-EMC50DRAN Datasheet
177Kb / 2P
.100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
EMC50DRAS ETC1-EMC50DRAS Datasheet
177Kb / 2P
.100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
More results

Similar Description - EMC5

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Toshiba Semiconductor
SSM6P05FU TOSHIBA-SSM6P05FU_07 Datasheet
154Kb / 5P
Power Management Switch
logo
ATMEL Corporation
AT73C211 ATMEL-AT73C211 Datasheet
107Kb / 4P
Power Management
AT73C203 ATMEL-AT73C203_14 Datasheet
54Kb / 106P
Power Management
logo
Unisonic Technologies
IMZ2A UTC-IMZ2A_15 Datasheet
110Kb / 3P
POWER MANAGEMENT
logo
Texas Instruments
TPS65218 TI1-TPS65218 Datasheet
1Mb / 87P
Power Management
logo
Exar Corporation
XR76205EL-Q EXAR-XR76205EL-Q Datasheet
1Mb / 25P
Power Management
logo
ADL Embedded Solutions
ADL945PC ADL-ADL945PC_15 Datasheet
160Kb / 2P
Power Management
logo
Rohm
EMC4 ROHM-EMC4 Datasheet
63Kb / 3P
Power management
logo
Guangdong Kexin Industr...
FMY4A KEXIN-FMY4A Datasheet
210Kb / 4P
Power Management
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com