Electronic Components Datasheet Search
  English  ▼

X  

MAZ2051 Datasheet(PDF) 5 Page - Tiger Electronic Co.,Ltd

Part # MAZ2051
Description  Silicon planar type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAZ2051 Datasheet(HTML) 5 Page - Tiger Electronic Co.,Ltd

  MAZ2051 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MAZ2051 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MAZ2051 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MAZ2051 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MAZ2051 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd MAZ2051 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MAZ2000 Series
5
SKE00002BED
SZ  IZ
4
0
−4
6
8
−2
2
010
20
40
50
30
Zener current I
Z (mA)
Tj = 25°C to 150°C
MAZ2100
MAZ2091
MAZ2082
MAZ2075
MAZ2062
MAZ2056
MAZ2051
MAZ2047
MAZ2043
MAZ2036
MAZ2039



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com