Electronic Components Datasheet Search
  English  ▼

X  

UPD4701A Datasheet(PDF) 13 Page - NEC

Part # UPD4701A
Description  MOS INTEGRATED CIRCUIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4701A Datasheet(HTML) 13 Page - NEC

Back Button UPD4701A Datasheet HTML 8Page - NEC UPD4701A Datasheet HTML 9Page - NEC UPD4701A Datasheet HTML 10Page - NEC UPD4701A Datasheet HTML 11Page - NEC UPD4701A Datasheet HTML 12Page - NEC UPD4701A Datasheet HTML 13Page - NEC UPD4701A Datasheet HTML 14Page - NEC UPD4701A Datasheet HTML 15Page - NEC UPD4701A Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
µPD4701A
13
RECOMMENDED SOLDERING CONDITIONS
The following conditions (see table below) must be met when soldering this product.
Please consult with our sales offices in case other soldering process is used, or in case soldering is done under
different conditions.
TYPES OF SURFACE MOUNT DEVICE
µPD4701AGT
Soldering process
Soldering conditions
Symbol
Infrared ray reflow
Peak package’s surface temperature: 235
°C or below,
IR35-00-2
Reflow time: 30 seconds or below (210
°C or higher),
Number of reflow process: 2, Exposure limit*: None
VPS
Peak package’s surface temperature: 215
°C or below,
VP15-00-2
Reflow time: 40 seconds or below (200
°C or higher),
Number of reflow process: 2, Exposure limit*: None
Wave soldering
Solder temperature: 260
°C or below,
WS60-00-1
Flow time: 10 seconds or below,
Number of flow process: 1, Exposure limit*: None
Partial heating method
Terminal temperature: 300
°C or below,
Flow time: 10 seconds or below,
Exposure limit*: None
* Exposure limit before soldering after dry-pack package is opened.
Storage conditions: 25
°C and relative humidity at 65 % or less.
Note Do not apply more than a single process at once, except for “Partial heating method”.
TYPE OF THROUGH HOLE MOUNT DEVICE
µPD4701AC
Soldering process
Soldering conditions
Symbol
Wave soldering
Solder temperature: 260
°C or below,
Flow time: 10 seconds or below



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com