Electronic Components Datasheet Search
  English  ▼

X  

X76F102 Datasheet(PDF) 18 Page - Xicor Inc.

Part # X76F102
Description  The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F102 Datasheet(HTML) 18 Page - Xicor Inc.

Back Button X76F102 Datasheet HTML 10Page - Xicor Inc. X76F102 Datasheet HTML 11Page - Xicor Inc. X76F102 Datasheet HTML 12Page - Xicor Inc. X76F102 Datasheet HTML 13Page - Xicor Inc. X76F102 Datasheet HTML 14Page - Xicor Inc. X76F102 Datasheet HTML 15Page - Xicor Inc. X76F102 Datasheet HTML 16Page - Xicor Inc. X76F102 Datasheet HTML 17Page - Xicor Inc. X76F102 Datasheet HTML 18Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
X76F102
18
ORDERING INFORMATION
VCC Limits
Blank = 5V ±10%
2.0 = 2.0V to 5.5V
Temperature Range
Blank = Commercial = 0°C to +70°C
I = Industrial= –40°C to +85°C
Package
S8 = 8-Lead SOIC
M8 = 8-Lead MSOP
P = 8-Lead PDIP
V8 - 8-Lead TSSOP
H = Die in Waffle Packs
W = Die in Wafer Form
X = Smart Card Module
Device
X76F102
X
X
–X
Part Mark Convention
8-Lead MSOP
ACG = 2.0 to 5.5V, 0 to +70°C
EYWW
XXX
ACH = 2.0 to 5.5V, -40 to +85°C
ABS = 4.5 to 5.5V, 0 to +70°C
ABT = 4.5 to 5.5V, -40 to +85°C
8-Lead SOIC/PDIP
X76F102 X
XX
Blank = 8-Lead SOIC
F = 2.0 to 5.5V, 0 to +70°C
G = 2.0 to 5.5V, -40 to +85°C
Blank = 4.5 to 5.5V, 0 to +70°C
I = 4.5 to 5.5V, -40 to +85°C
LIMITED WARRANTY
Devices sold by Xicor, Inc. are covered by the warranty and patent indemnification provisions appearing in its Terms of
Sale only. Xicor, Inc. makes no warranty, express, statutory, implied, or by description regarding the information set forth
herein or regarding the freedom of the described devices from patent infringement. Xicor, Inc. makes no warranty of
merchantability or fitness for any purpose. Xicor, Inc. reserves the right to discontinue production and change specifica-
tions and prices at any time and without notice.
Xicor, Inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a Xicor, Inc. product. No
other circuits, patents, licenses are implied.
U.S. PATENTS
Xicor products are covered by one or more of the following U.S. Patents: 4,263,664; 4,274,012; 4,300,212; 4,314,265;
4,326,134; 4,393,481; 4,404,475; 4,450,402; 4,486,769; 4,488,060; 4,520,461; 4,533,846; 4,599,706; 4,617,652;
4,668,932; 4,752,912; 4,829, 482; 4,874, 967; 4,883, 976. Foreign patents and additional patents pending.
LIFE RELATED POLICY
In situations where semiconductor component failure may endanger life, system designers using this product should
design the system with appropriate error detection and correction, redundancy and back-up features to prevent such an
occurence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com