Electronic Components Datasheet Search
  English  ▼

X  

DS3253 Datasheet(PDF) 45 Page - Dallas Semiconductor

Part # DS3253
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3253 Datasheet(HTML) 45 Page - Dallas Semiconductor

Back Button DS3253 Datasheet HTML 41Page - Dallas Semiconductor DS3253 Datasheet HTML 42Page - Dallas Semiconductor DS3253 Datasheet HTML 43Page - Dallas Semiconductor DS3253 Datasheet HTML 44Page - Dallas Semiconductor DS3253 Datasheet HTML 45Page - Dallas Semiconductor DS3253 Datasheet HTML 46Page - Dallas Semiconductor DS3253 Datasheet HTML 47Page - Dallas Semiconductor DS3253 Datasheet HTML 48Page - Dallas Semiconductor DS3253 Datasheet HTML 49Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 71 page
background image
DS3251/DS3252/DS3253/DS3254
45 of 71
Table 17-C. Framer Interface Timing
(VDD = 3.3V
±5%, TA = -40°C to +85°C.) (Figure 17-1 and Figure 17-2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
(Note 1)
22.4
(Note 2)
29.1
RCLK/TCLK Clock Period
t1
(Note 3)
19.3
ns
RCLK Duty Cycle
t2/t1, t3/t1
(Notes 4, 5)
45
50
55
%
TCLK Duty Cycle
t2/t1, t3/t1
(Note 5)
30
70
%
MCLK Duty Cycle
t2/t1, t3/t1
(Note 5)
30
70
%
TPOS/TDAT, TNEG to TCLK Setup
Time
t4
(Notes 5, 6)
2
ns
TPOS/TDAT, TNEG Hold Time
t5
(Notes 5, 6)
2
ns
RCLK to RPOS/RDAT, RNEG/RLCV,
and PRBS Value Change
t6
(Notes 4, 5, 7)
2
6
ns
RCLK Rise and Fall Time
t7
(Notes 5, 8)
3
5
ns
TCLK Rise and Fall Time
t8
(Notes 5, 9)
5
ns
Note 1:
DS3 mode.
Note 2:
E3 mode.
Note 3:
STS-1 mode.
Note 4:
Outputs loaded with 25pF, measured at 50% threshold.
Note 5:
Not tested during production test.
Note 6:
When TCINV = 0, TPOS/TDAT and TNEG are sampled on the rising edge of TCLK. When TCINV = 1, TPOS/TDAT and TNEG
are sampled on the falling edge of TCLK.
Note 7:
When RCINV = 0, RPOS/RDAT and RNEG/RLCV are updated on the falling edge of RCLK. When RCINV = 1, RPOS/RDAT and
RNEG/RLCV are updated on the rising edge of RCLK.
Note 8:
Outputs loaded with 25pF, measured between VOL (max) and VOH (min).
Note 9:
Measured between VIL (max) and VIH (min).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com