Electronic Components Datasheet Search
  English  ▼

X  

EE25/38/5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EE25/38/5
Description  MARSCHNER Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EE25/38/5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EE25/38/5 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MARSCHNER Transformers
ta70°C/B
ta70°C/B
ta70°C/B
EE38/51
15 VA
Typ/Type
Nennleistung/Power
EE38/51/8
EE38/51/10
EE38/51/13
EE38/51/17
EE38/51/21
Typ / series
5,8
7,5
9,8
11
15
22,4
23,8
26,8
30,5
35,0
57
62
67
72
75
44
38
34
28
24
50
55
60
65
70
0,160
0,180
0,220
0,280
0,320
VA
C
%
%
ca. g ca. Kg
45
54
± 0,5
± 0,3
1
5
10
6
Abmessungen - Dimension in mm
Ansicht auf Stiftseite - Pin view
C
ta70°C/B
EE30/40
10 VA
Typ/Type
Nennleistung/Power
EE30/40/5,5
EE30/40/7,5
EE30/40/10,5
EE30/40/16,5
EE30/40/26
Typ / series
1,4
2,2
3,0
4,9
8
1,5
2,5
3,7
6
10
VA VA
16,2
18,1
21,0
26,8
36,7
51
56
58
65
69
36
34
34
31
28
20
21
23
28
38
0,050
0,070
0,100
0,160
0,250
C
%
%
ca. g ca. Kg
Abmessungen - Dimension in mm
35
45,5
± 0,5
± 0,3
1
4
8
5
Ansicht auf Stiftseite - Pin view
C
max.
max.
TRAFO-PROGRAMM
EE25/7,7
0,8 VA
Typ/Type
Nennleistung/Power
EE25/7,7
Typ / series
0,8
20
35
45
8
0,050
VA
C
%
%
ca. g ca. Kg
20
27,5
20
± 0,5
± 0,3
± 0,3
1
5
10
6
Abmessungen - Dimension in mm
Ansicht auf Stiftseite - Pin view
EE25/38
1 VA
Typ/Type
Nennleistung/Power
EE25/38/5
Typ / series
1
14,8
40
77
17 0,040
VA
C
%
%
ca. g ca. Kg
32,5
40
14,8
± 0,5
± 0,3
± 0,3
1
5
10
6
Abmessungen - Dimension in mm
Ansicht auf Stiftseite - Pin view
www.kgtechnologies.net


Similar Part No. - EE25/38/5

ManufacturerPart #DatasheetDescription
logo
Myrra
EE25 MYRRA-EE25 Datasheet
102Kb / 1P
FLYBACK TRANSFORMERS
logo
FERYSTER Inductive Comp...
EE25-10_6-K-V-10P-YW-360 FERYSTER-EE25-10_6-K-V-10P-YW-360 Datasheet
242Kb / 1P
FERYSTER 짰 TRANSFORMERS
logo
YUXIANG Magnetc materia...
EE25.4 YUXIANG-EE25.4 Datasheet
59Kb / 2P
EE Core
logo
Sumida Corporation
EE2520H SUMIDA-EE2520H Datasheet
34Kb / 1P
General Power Transformer
logo
YUXIANG Magnetc materia...
EE25A YUXIANG-EE25A Datasheet
59Kb / 2P
EE Core
More results

Similar Description - EE25/38/5

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0356-CM1 XFMRS-XF0356-CM1 Datasheet
87Kb / 1P
TRANSFORMERS
XF0013W3 XFMRS-XF0013W3 Datasheet
42Kb / 1P
TRANSFORMERS
XF0013W4B XFMRS-XF0013W4B Datasheet
50Kb / 1P
TRANSFORMERS
XF0013W4B XFMRS-XF0013W4B_15 Datasheet
50Kb / 1P
TRANSFORMERS
XF0033AT-00S XFMRS-XF0033AT-00S_15 Datasheet
74Kb / 1P
TRANSFORMERS
XF0013W16 XFMRS-XF0013W16_15 Datasheet
48Kb / 1P
TRANSFORMERS
XF00123D1 XFMRS-XF00123D1_15 Datasheet
75Kb / 1P
TRANSFORMERS
XF1006A-2S XFMRS-XF1006A-2S_15 Datasheet
52Kb / 1P
TRANSFORMERS
XF01962-20 XFMRS-XF01962-20_15 Datasheet
42Kb / 1P
TRANSFORMERS
XF5006T7 XFMRS-XF5006T7_15 Datasheet
67Kb / 1P
TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com